Electronic Components Datasheet Search
  English  ▼

X  

ACT72350 Datasheet(PDF) 69 Page - Qorvo, Inc

Part # ACT72350
Description  160V 3-phase BLDC Motor Driver with Integrated Power Manager and Configurable AFE
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

ACT72350 Datasheet(HTML) 69 Page - Qorvo, Inc

Back Button ACT72350 Datasheet HTML 65Page - Qorvo, Inc ACT72350 Datasheet HTML 66Page - Qorvo, Inc ACT72350 Datasheet HTML 67Page - Qorvo, Inc ACT72350 Datasheet HTML 68Page - Qorvo, Inc ACT72350 Datasheet HTML 69Page - Qorvo, Inc ACT72350 Datasheet HTML 70Page - Qorvo, Inc ACT72350 Datasheet HTML 71Page - Qorvo, Inc ACT72350 Datasheet HTML 72Page - Qorvo, Inc ACT72350 Datasheet HTML 73Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 97 page
background image
ACT72350 Data Sheet
160V 3 Phase BLDC Motor Driver
Data Sheet v1.1, 2025-02-17
Subject to change without notice
69 of 97
www.qorvo.com
®
12.17.24
SOC.CFGIO1
Register 12-24 SOC.CFGIO1 (AIO10-AIO13 Configuration 1, 1Dh)
BIT
NAME
ACCESS
RESET
DESCRIPTION
7:5
RFU
R
000b
Reserved, write as 0.
4
EN_AIO6_OCP
RW
0b
Enable AIO6 comparator output to disable gate driver on
OC event.
3
VREFBP
RW
0b
Switch VREF signal to AB5 so that it can be buffered out
on AIO6.
2
RFU
R
0 0000b
Reserved, write as 0.
1:0
VTHREF
RW
00b
Threshold voltage for comparators in AIO<9:6>:
00b: 0.1V
01b: 0.2V
10b: 0.5V
11b: 1.25V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com