Electronic Components Datasheet Search
  English  ▼

X  

ACT72350 Datasheet(PDF) 90 Page - Qorvo, Inc

Part # ACT72350
Description  160V 3-phase BLDC Motor Driver with Integrated Power Manager and Configurable AFE
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

ACT72350 Datasheet(HTML) 90 Page - Qorvo, Inc

Back Button ACT72350 Datasheet HTML 86Page - Qorvo, Inc ACT72350 Datasheet HTML 87Page - Qorvo, Inc ACT72350 Datasheet HTML 88Page - Qorvo, Inc ACT72350 Datasheet HTML 89Page - Qorvo, Inc ACT72350 Datasheet HTML 90Page - Qorvo, Inc ACT72350 Datasheet HTML 91Page - Qorvo, Inc ACT72350 Datasheet HTML 92Page - Qorvo, Inc ACT72350 Datasheet HTML 93Page - Qorvo, Inc ACT72350 Datasheet HTML 94Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 97 page
background image
ACT72350 Data Sheet
160V 3 Phase BLDC Motor Driver
Data Sheet v1.1, 2025-02-17
Subject to change without notice
90 of 97
www.qorvo.com
®
14 nRESET Generator
14.1
Block Diagram
Figure 14-1 nRESET Push/Pull Output
nRESET
VCCIO
VSS
POR
nRESET
Control
SRST
WATCHDOG
FAULT
14.2
Functional Description
The ACT72350 provides a configurable nRESET output signal the application can use to generate
external microcontroller reset events. During power up, while all internal power rails are initializing, the
nRESET signal is held low to ensure the external microcontroller is kept under reset until all power
structures are stable. During normal operation, the nRESET is kept logic HI. If programmed, the nRESET
signal will be pulled low during certain faults. The external microcontroller can also issue a software
based nRESET by writing a 1 to the WATCHDOG.SRST register. When the watchdog is enabled, and if
the watchdog counter is not cleared on time, the nRESET is asserted.
Table 14-1 nRESET Input (nRESET) Electrical Characteristics
(VP = 12V, and TA = -40
C to 125C unless otherwise specified.)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
VnRESET
nRESET pin voltage range
VCCIO=VSYS
0
5
V
VIH_nRESET
High-Level input voltage
VCCIO = 3.3V, 1.5mA load
VCCIO-
0.6
V
VCCIO = VSYS (5V), 1.5mA
load
VCCIO-
0.6
V
VIL_nRESET
Low-level input voltage
VCCIO = 3.3V, 1.5mA sink
0.9
V
VCCIO = VSYS (5V), 1.5mA
sink
0.9
V
IOH_NRESET
nRESET output source current
10us pulse
10
mA
IOL_NRESET
nRESET output sink current
10us pulse
10
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com