Electronic Components Datasheet Search
  English  ▼

X  

ACT72350 Datasheet(PDF) 91 Page - Qorvo, Inc

Part # ACT72350
Description  160V 3-phase BLDC Motor Driver with Integrated Power Manager and Configurable AFE
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

ACT72350 Datasheet(HTML) 91 Page - Qorvo, Inc

Back Button ACT72350 Datasheet HTML 87Page - Qorvo, Inc ACT72350 Datasheet HTML 88Page - Qorvo, Inc ACT72350 Datasheet HTML 89Page - Qorvo, Inc ACT72350 Datasheet HTML 90Page - Qorvo, Inc ACT72350 Datasheet HTML 91Page - Qorvo, Inc ACT72350 Datasheet HTML 92Page - Qorvo, Inc ACT72350 Datasheet HTML 93Page - Qorvo, Inc ACT72350 Datasheet HTML 94Page - Qorvo, Inc ACT72350 Datasheet HTML 95Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 97 page
background image
ACT72350 Data Sheet
160V 3 Phase BLDC Motor Driver
Data Sheet v1.1, 2025-02-17
Subject to change without notice
91 of 97
www.qorvo.com
®
15 nFAULT Generator
15.1
Block Diagram
Figure 15-1 nFAULT Open Drain Output
nFAULT
VCCIO
VSS
nFAULT
Control
PBFLT
VPLOWFLT
HPROT
LPROT
TWARN
BSTFLT
15.2
Functional Description
The open drain output nFAULT can be used by the external microcontroller to learn of when an internal
fault or event has occurred within the ACT72350 device. Fault generation is programmable with every
nFAULT generating source being maskable. Faults and events asserting the nFAULT output are:
•
HPROT: Used for Over Current Event (OCP) with the HPROT comparator and HPDAC reference.
•
LPROT: Used for Over Current Event (OCP) with the LPROT comparator and LPDAC reference.
•
TWARN: Over temperature warning (die temperature exceeds 145 degrees C).
•
BSTFLT: Bootstrap voltage is below its UVLO.
•
PBFLT: Push Button has been pressed.
•
VPLOWFLT: VP DC/DC switching controller output voltage is below its UVLO.
Table 15-1 nFAULT Open Drain Output (nFault) Electrical Characteristics
(VP = 12V, and TA = -40
C to 125C unless otherwise specified.)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
VnFAULT
nFAULT pin voltage range
0
5
V
VOL_nFAULT
Low-level output voltage
InFAULT=7 mA
0.3
V
IOH_NFAULT
nFAULT output sink current
VnFAULT=0.3V
10
20
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com