Electronic Components Datasheet Search
  English  ▼

X  

ACT72350 Datasheet(PDF) 34 Page - Qorvo, Inc

Part # ACT72350
Description  160V 3-phase BLDC Motor Driver with Integrated Power Manager and Configurable AFE
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

ACT72350 Datasheet(HTML) 34 Page - Qorvo, Inc

Back Button ACT72350 Datasheet HTML 30Page - Qorvo, Inc ACT72350 Datasheet HTML 31Page - Qorvo, Inc ACT72350 Datasheet HTML 32Page - Qorvo, Inc ACT72350 Datasheet HTML 33Page - Qorvo, Inc ACT72350 Datasheet HTML 34Page - Qorvo, Inc ACT72350 Datasheet HTML 35Page - Qorvo, Inc ACT72350 Datasheet HTML 36Page - Qorvo, Inc ACT72350 Datasheet HTML 37Page - Qorvo, Inc ACT72350 Datasheet HTML 38Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 97 page
background image
ACT72350 Data Sheet
160V 3 Phase BLDC Motor Driver
Data Sheet v1.1, 2025-02-17
Subject to change without notice
34 of 97
www.qorvo.com
®
11.14.2 SOC.STATUS
Register 11-2 SOC.STATUS (System Status, 01h)
BIT
NAME
ACCESS
RESET
DESCRIPTION
7
HWRSTAT
R
0x0
Hardware Reset Status. Bit is set on hardware reset and is
cleared when written to 1b.
0b: No hardware reset
1b: Hardware reset
6
SRSTSTAT
R
0x0
Soft Reset Event. Bit is set on software reset event and is
cleared when written to 1b.
0b: No software reset
1b: Software reset
5
WDTRSTAT
R
0x0
Watchdog Timer Reset Status. When enabled, this bit is set
on Watchdog Timer Reset and cleared when written to 1b.
0b: No WDT reset
1b: WDT Reset
4
VM24LOW_LATCH
R
0x0
VM Low Status. Bit is set on hardware reset and is cleared
when written to 1b.
0b: No VM low
1b: VM low
3
VPLOW_RTS
R
0x0
Real-time VP Low Status.
0b: No VP low
1b: VP low
2
VPLOW_LATCH
R
0x0
Latched VP Low Status. During VP low condition, this bit is
set and the nIRQ signal is asserted. To clear this bit, write to
1b.
0b: No latched VP low
1b: Latched VP low
1
PBSTAT_RTS
R
0x0
Real-time Push-button Status.
0b: Push-button not active
1b: push-button active
0
PBSTAT_LATCH
R
0x0
Latched Push-button Status. This bit is set in normal
operation as long as the push button is enabled and on for
more than the deglitch time, if not masked. When this bit is
set, it will assert the nIRQ signal.
0b: Latched push-button not active
1b: Latched push-button active



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com