Electronic Components Datasheet Search
  English  ▼

X  

ACT72350 Datasheet(PDF) 76 Page - Qorvo, Inc

Part # ACT72350
Description  160V 3-phase BLDC Motor Driver with Integrated Power Manager and Configurable AFE
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

ACT72350 Datasheet(HTML) 76 Page - Qorvo, Inc

Back Button ACT72350 Datasheet HTML 72Page - Qorvo, Inc ACT72350 Datasheet HTML 73Page - Qorvo, Inc ACT72350 Datasheet HTML 74Page - Qorvo, Inc ACT72350 Datasheet HTML 75Page - Qorvo, Inc ACT72350 Datasheet HTML 76Page - Qorvo, Inc ACT72350 Datasheet HTML 77Page - Qorvo, Inc ACT72350 Datasheet HTML 78Page - Qorvo, Inc ACT72350 Datasheet HTML 79Page - Qorvo, Inc ACT72350 Datasheet HTML 80Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 97 page
background image
ACT72350 Data Sheet
160V 3 Phase BLDC Motor Driver
Data Sheet v1.1, 2025-02-17
Subject to change without notice
76 of 97
www.qorvo.com
®
12.17.31
SOC.SPECCFG2
Register 12-30 SOC.SPECCFG2 (AIO7/8 Comparator MUX Input Configuration, 24h)
12.17.32
SOC.SPECCFG3
Register 12-31 SOC.SPECCFG3 (AIO9 Comparator MUX Input Configuration, 25h)
BIT
NAME
ACCESS
RESET
DESCRIPTION
7
RFU
R
0b
Reserved, write to 0.
6:4
SMUXAIO7
RW
000b
Special Mode Comparator Input MUX Selection for AIO7:
000b: VTHREF
001b: AB1 (virtual center-tap)
010b: AB2
011b: AB3
100b: AIO8 (phase to phase compare)
101b: AIO9 (phase to phase compare)
110b: RFU
111b: RFU
3
RFU
R
0b
Reserved, write to 0.
2:0
SMUXAIO8
RW
000b
Special Mode Comparator Input MUX Selection for AIO8:
000b: VTHREF
001b: AB1 (virtual center-tap)
010b: AB2
011b: AB3
100b: AIO7 (phase to phase compare)
101b: AIO9 (phase to phase compare)
110b: RFU
111b: RFU
BIT
NAME
ACCESS
RESET
DESCRIPTION
7
RFU
R
0b
Reserved, write to 0.
6:4
SMUXAIO9
RW
000b
Special Mode Comparator Input MUX Selection for AIO7:
000b: VTHREF
001b: AB1 (virtual center-tap)
010b: AB2
011b: AB3
100b: AIO7 (phase to phase compare)
101b: AIO8 (phase to phase compare)
110b: RFU
111b: RFU
3:0
RFU
R
000b
Reserved, write to 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com