Electronic Components Datasheet Search
  English  ▼

X  

ACT72350 Datasheet(PDF) 84 Page - Qorvo, Inc

Part # ACT72350
Description  160V 3-phase BLDC Motor Driver with Integrated Power Manager and Configurable AFE
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

ACT72350 Datasheet(HTML) 84 Page - Qorvo, Inc

Back Button ACT72350 Datasheet HTML 80Page - Qorvo, Inc ACT72350 Datasheet HTML 81Page - Qorvo, Inc ACT72350 Datasheet HTML 82Page - Qorvo, Inc ACT72350 Datasheet HTML 83Page - Qorvo, Inc ACT72350 Datasheet HTML 84Page - Qorvo, Inc ACT72350 Datasheet HTML 85Page - Qorvo, Inc ACT72350 Datasheet HTML 86Page - Qorvo, Inc ACT72350 Datasheet HTML 87Page - Qorvo, Inc ACT72350 Datasheet HTML 88Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 97 page
background image
ACT72350 Data Sheet
160V 3 Phase BLDC Motor Driver
Data Sheet v1.1, 2025-02-17
Subject to change without notice
84 of 97
www.qorvo.com
®
Table 13-3 Driver Enable (EN) Electrical Characteristics
(VP = 12V, and TA = -40
C to 125C unless otherwise specified.)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
VEN
EN pin voltage range
0
5
V
VIH_EN
High-Level input voltage
2.3
V
VIL_EN
Low-level input voltage
0.8
V
RPD_EN
EN pull down resistance
1
MOhms
ENDEGLITCH
Deglitch
50
s
Table 13-4 PWMH Inputs (PWMHx) Electrical Characteristics
(VP = 12V, and TA = -40
C to 125C unless otherwise specified.)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
VPWMH
PWMH pin voltage range
VSYS = VCCIO = 5V
0
5
V
VIH_PWMH
High-Level input voltage
VCCIO = 3.3V
1.7
V
VCCIO = VSYS (5V)
2.3
V
VIL_PWMH
Low-level input voltage
VCCIO = 3.3V
0.4
V
VCCIO = VSYS (5V)
0.8
V
RPD_PWMH
PWMH pull down resistance
50
KOhms
Table 13-5 PWML Inputs (PWMLx) Electrical Characteristics
(VP = 12V, and TA = -40
C to 125C unless otherwise specified.)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
VPWML
PWML pin voltage range
VSYS = VCCIO = 5V
0
5
V
VIH_PWML
High-Level input voltage
VCCIO = 3.3V
1.7
V
VCCIO = VSYS (5V)
2.3
V
VIL_PWML
Low-level input voltage
VCCIO = 3.3V
0.4
V
VCCIO = VSYS (5V)
0.8
V
RPD_PWML
PWML pull down resistance
50
KOhms
Table 13-6 nBRAKE Input (nBRAKE) Electrical Characteristics
(VP = 12V, and TA = -40
C to 125C unless otherwise specified.)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
VnBRAKE
nBRAKE pin voltage range
0
5
V
VIH_nBRAKE
High-Level input voltage
2.3
V
VIL_nBRAKE
Low-level input voltage
0.8
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com