Electronic Components Datasheet Search
  English  ▼

X  

ACT72350 Datasheet(PDF) 24 Page - Qorvo, Inc

Part # ACT72350
Description  160V 3-phase BLDC Motor Driver with Integrated Power Manager and Configurable AFE
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

ACT72350 Datasheet(HTML) 24 Page - Qorvo, Inc

Back Button ACT72350 Datasheet HTML 20Page - Qorvo, Inc ACT72350 Datasheet HTML 21Page - Qorvo, Inc ACT72350 Datasheet HTML 22Page - Qorvo, Inc ACT72350 Datasheet HTML 23Page - Qorvo, Inc ACT72350 Datasheet HTML 24Page - Qorvo, Inc ACT72350 Datasheet HTML 25Page - Qorvo, Inc ACT72350 Datasheet HTML 26Page - Qorvo, Inc ACT72350 Datasheet HTML 27Page - Qorvo, Inc ACT72350 Datasheet HTML 28Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 97 page
background image
ACT72350 Data Sheet
160V 3 Phase BLDC Motor Driver
Data Sheet v1.1, 2025-02-17
Subject to change without notice
24 of 97
www.qorvo.com
®
the gate drive output voltage can be configured to either 12V or 15V to work for a range of MOSFET or
IGBT based inverters.
The Rectifier Diode (Dr) must be a low QRR diode.
11.3.1 HV-BUCK Configuration
To configure the HV-
BUCK’s output voltage to either 12V or 15V, write to the SOC.SYSCONF.VPSET. To
set the HV-
BUCK’s frequency write to the SOC.SYSCONF.HVBK_FREQ.
11.3.2 HV-BUCK Re-start Handling
The HV-BUCK has a safety re-start mechanism that protects the device and external components in case
of a DC/DC failure. This mechanism samples VM and VP when the MV-BUCK is re-started and may
insert a delay before it allows the power supply to be re-started, in case of some type of short or damage
with the power supply components on the PCB.
The re-start handling operates as described below.
In ACT72350, if the DC/DC has been disabled due to VM falling below VUVLOF;VM, VM is sampled and as
soon as VM > VUVLOR;VM, then the DC/DC will re-start. If VM is > VM UVLO falling (VUVLOF;VM) but VP < VP
UVLO falling (VUVLOF;VP) then the DC/DC is disabled and a 350ms delay is inserted. After this delay, the
DC/DC is re-started.
11.4
Medium-Voltage Buck Regulator (MV-BUCK)
The ACT72350 contains a Medium-Voltage Buck Switching Regulator that generates a 5V, 200mA supply
for the device, as well as PCB functions.
The SW pin is the switch node of the Buck regulator. The Power MOSFET is integrated, so connect this
pin to VSYS through an external inductor. The VSYS pin is the 5V regulator output, which should be
bypassed to ground.
Figure 11-3 MV-BUCK Switching Regulator Example
ACT72350
SW
VSYS
+
5V
22µF
The output of VSYS is fixed at 5V and the switching frequency is 1.33MHz. This regulator supplies at
least 200mA. This buck regulator offers better thermal and efficiency performance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com