Electronic Components Datasheet Search
  English  ▼

X  

ACT72350 Datasheet(PDF) 35 Page - Qorvo, Inc

Part # ACT72350
Description  160V 3-phase BLDC Motor Driver with Integrated Power Manager and Configurable AFE
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

ACT72350 Datasheet(HTML) 35 Page - Qorvo, Inc

Back Button ACT72350 Datasheet HTML 31Page - Qorvo, Inc ACT72350 Datasheet HTML 32Page - Qorvo, Inc ACT72350 Datasheet HTML 33Page - Qorvo, Inc ACT72350 Datasheet HTML 34Page - Qorvo, Inc ACT72350 Datasheet HTML 35Page - Qorvo, Inc ACT72350 Datasheet HTML 36Page - Qorvo, Inc ACT72350 Datasheet HTML 37Page - Qorvo, Inc ACT72350 Datasheet HTML 38Page - Qorvo, Inc ACT72350 Datasheet HTML 39Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 97 page
background image
ACT72350 Data Sheet
160V 3 Phase BLDC Motor Driver
Data Sheet v1.1, 2025-02-17
Subject to change without notice
35 of 97
www.qorvo.com
®
11.14.3 SOC.MISC
Register 11-3 SOC.MISC (SOC Miscellaneous Configuration, 02h)
BIT
NAME
ACCESS
RESET
DESCRIPTION
7
RFU
R/W
0x0
Reserved, write as 0.
6
PBEN
R/W
0x0
AIO6 Push-button Enable.
0b: Push-button not enabled
1b: Push-button enabled
5
VREFSET
R/W
0x0
ADC Reference Voltage Setting.
0b: 2.5V
1b: 3.3V
4
CLKOUTEN
R/W
0x0
Clock Output (CLK_OUT) enable.
0b: Not enabled
1b: Enabled
3
MCUALIVE
R/W
0x0
MCU Alive. Set by the MCU to indicate that it is alive. Before
this bit is set, ignore all MCU commands (EMUX, gate driver)
except SPI register commands. This bit will automatically be
cleared when the reset signal to the MCU is asserted.
0b: MCU not alive
1b: MCU alive
2
TPBD
R/W
0x0
Push-button deglitch time:
0b: 32ms
1b: 1ms
1
RFU
R
0x0
Reserved, write as 0.
0
SMEN
R/W
0x0
Signal Manager Enable. This bit is automatically cleared
when the reset signal to the MCU is asserted.
0b: Not enabled
1b: Enabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com