Electronic Components Datasheet Search
  English  ▼

X  

ACT72350 Datasheet(PDF) 33 Page - Qorvo, Inc

Part # ACT72350
Description  160V 3-phase BLDC Motor Driver with Integrated Power Manager and Configurable AFE
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

ACT72350 Datasheet(HTML) 33 Page - Qorvo, Inc

Back Button ACT72350 Datasheet HTML 29Page - Qorvo, Inc ACT72350 Datasheet HTML 30Page - Qorvo, Inc ACT72350 Datasheet HTML 31Page - Qorvo, Inc ACT72350 Datasheet HTML 32Page - Qorvo, Inc ACT72350 Datasheet HTML 33Page - Qorvo, Inc ACT72350 Datasheet HTML 34Page - Qorvo, Inc ACT72350 Datasheet HTML 35Page - Qorvo, Inc ACT72350 Datasheet HTML 36Page - Qorvo, Inc ACT72350 Datasheet HTML 37Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 97 page
background image
ACT72350 Data Sheet
160V 3 Phase BLDC Motor Driver
Data Sheet v1.1, 2025-02-17
Subject to change without notice
33 of 97
www.qorvo.com
®
11.14 Register Detail
11.14.1 SOC.FAULT
Register 11-1 SOC.FAULT (Fault Condition, 00h)
BIT
NAME
ACCESS
RESET
DESCRIPTION
7
TMPWARN_RTS
R
0x0
Real-time temperature warning status. When the temperature is
greater than the warning threshold, this bit is set to 1b. When the
temperature less than the warning threshold, this bit is set to 0b.
0b: No temperature warning
1b: Temperature warning
6
TMPWARN_LATCH
R
0x0
Latched temperature warning status. If the temperature reaches the
warning threshold and the SOC.FAULTENABLE.nTMPWARN is not
masked, this bit is set and nIRQ1 is asserted.
Write 1b to clear when not masked.
0b: No temperature warning
1b: Temperature warning
5
TMPFLT
R
0x0
Temperature fault status. If the temperature reaches the fault
threshold, this bit is set to 1b. Write 1b to clear.
0b: No temperature fault
1b: Temperature fault
4
VPFLT
R
0x0
DC/DC fault when VP is below UVLO or over-voltage. Set on fault, and
cleared when written to 1b.
0b: No VP fault
1b: VP fault
3
VSYSFLT
R
0x0
VSYS fault when VSYS is below UVLO or over-voltage. Set on fault,
and cleared when written to 1b.
0b: No VSYS fault
1b: VSYS fault
2
VCCIOFLT
R
0x0
VCCIO fault. Set on fault, and cleared when written to 1b.
0b: No VCCIO fault
1b: VCCIO fault
1
VCC33FLT
R
0x0
VCC33 fault. Set on fault, and cleared when written to 1b.
0b: No VCC33 fault
1b: VCC33 fault
0
RFU
R
0x0
Reserved, write as 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com