Electronic Components Datasheet Search
  English  ▼

X  

ACT72350 Datasheet(PDF) 72 Page - Qorvo, Inc

Part # ACT72350
Description  160V 3-phase BLDC Motor Driver with Integrated Power Manager and Configurable AFE
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

ACT72350 Datasheet(HTML) 72 Page - Qorvo, Inc

Back Button ACT72350 Datasheet HTML 68Page - Qorvo, Inc ACT72350 Datasheet HTML 69Page - Qorvo, Inc ACT72350 Datasheet HTML 70Page - Qorvo, Inc ACT72350 Datasheet HTML 71Page - Qorvo, Inc ACT72350 Datasheet HTML 72Page - Qorvo, Inc ACT72350 Datasheet HTML 73Page - Qorvo, Inc ACT72350 Datasheet HTML 74Page - Qorvo, Inc ACT72350 Datasheet HTML 75Page - Qorvo, Inc ACT72350 Datasheet HTML 76Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 97 page
background image
ACT72350 Data Sheet
160V 3 Phase BLDC Motor Driver
Data Sheet v1.1, 2025-02-17
Subject to change without notice
72 of 97
www.qorvo.com
®
12.17.27
SOC.BLANKING
Register 12-27 SOC.BLANKING (Comparator Blanking Configuration, 21h)
BIT
NAME
ACCESS
RESET
DESCRIPTION
7:4
BLANKTIME
RW
0000b
Blanking time for BEMF Comparator:
1111b: 6000ns
1110b: 5500ns
1101b: 5000ns
1100b: 4500ns
1011b: 4000ns
1010b: 3500ns
1001b: 3000ns
1000b: 2500ns
0111b: 2000ns
0110b: 1500ns
0101b: 1250ns
0100b: 1000ns
0011b: 750ns
0010b: 500ns
0001b: 250ns
0000b: 100ns
3:2
RFU
R
00b
Reserved, write as 0.
1:0
BLANKMODE
R/W
00b
BEMF Comparator Blanking Mode:
11b: Leading and trailing edge blanking
10b: Trailing edge blanking
01b: Leading edge blanking
00b: Disabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com