Electronic Components Datasheet Search
  English  ▼

X  

ACT72350 Datasheet(PDF) 28 Page - Qorvo, Inc

Part # ACT72350
Description  160V 3-phase BLDC Motor Driver with Integrated Power Manager and Configurable AFE
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

ACT72350 Datasheet(HTML) 28 Page - Qorvo, Inc

Back Button ACT72350 Datasheet HTML 24Page - Qorvo, Inc ACT72350 Datasheet HTML 25Page - Qorvo, Inc ACT72350 Datasheet HTML 26Page - Qorvo, Inc ACT72350 Datasheet HTML 27Page - Qorvo, Inc ACT72350 Datasheet HTML 28Page - Qorvo, Inc ACT72350 Datasheet HTML 29Page - Qorvo, Inc ACT72350 Datasheet HTML 30Page - Qorvo, Inc ACT72350 Datasheet HTML 31Page - Qorvo, Inc ACT72350 Datasheet HTML 32Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 97 page
background image
ACT72350 Data Sheet
160V 3 Phase BLDC Motor Driver
Data Sheet v1.1, 2025-02-17
Subject to change without notice
28 of 97
www.qorvo.com
®
11.11 Electrical Characteristics
Table 11-1 High-Voltage Buck Controller Electrical Characteristics
(VM = 30V, VP = 12V and TJ = 25C unless otherwise specified)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
IHIB;VM
VM hibernate mode supply current
Hibernate mode, VM = 56V
19
26
µA
Hibernate mode, VM = 80V
22.5
µA
VUVLOR;VM
VM UVLO rising
23
25
27
V
VUVLOF;VM
VM UVLO hysteresis
8
V
VREF;VP
VP output regulation voltage
Set to 15V (default)
-5%
12
-5%
V
kPOKR;VP
VP power OK threshold
VP rising
91
%
kPOKF;VP
VP falling
87
%
kOVPR;VP
VP OV protection threshold
VP rising, blanking = 10 s
130
%
tONMIN;DRM
DRM minimum on time
90
200
300
ns
tOFFMIN;DRM
DRM minimum off time
390
600
1150
ns
VUVLOR;VP
VP UVLO rising
10
V
VUVLOF;VP
VP UVLO falling
8
V
VCSM;ILIM
CSM current limit threshold
-12%
0.2
12%
V
FS;DRM
Switching frequency
Frequency setting: 50kHz,
100kHz, 200kHz (default), 400kHz
-5
5
%
ISOURCE;DRM
DRM output high source current
200
mA
ISINK;DRM
DRM output low sink current
500
mA
HV-BUCK inductor value
100
H
IDSG
Discharge current
10
mA
VVM
Motor voltage range
0
160
V
VSRC;VM
SRC to VM range
10
V
VBST;VSS
BST to ground range
175
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com