Electronic Components Datasheet Search
  English  ▼

X  

ACT72350 Datasheet(PDF) 79 Page - Qorvo, Inc

Part # ACT72350
Description  160V 3-phase BLDC Motor Driver with Integrated Power Manager and Configurable AFE
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

ACT72350 Datasheet(HTML) 79 Page - Qorvo, Inc

Back Button ACT72350 Datasheet HTML 75Page - Qorvo, Inc ACT72350 Datasheet HTML 76Page - Qorvo, Inc ACT72350 Datasheet HTML 77Page - Qorvo, Inc ACT72350 Datasheet HTML 78Page - Qorvo, Inc ACT72350 Datasheet HTML 79Page - Qorvo, Inc ACT72350 Datasheet HTML 80Page - Qorvo, Inc ACT72350 Datasheet HTML 81Page - Qorvo, Inc ACT72350 Datasheet HTML 82Page - Qorvo, Inc ACT72350 Datasheet HTML 83Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 97 page
background image
ACT72350 Data Sheet
160V 3 Phase BLDC Motor Driver
Data Sheet v1.1, 2025-02-17
Subject to change without notice
79 of 97
www.qorvo.com
®
13.6
Power Drivers Control
The ASPD is controlled via the EN signal. When the EN signal is high, the ASPD module is enabled and
the DRx outputs follow their respective PWMx input. When the EN signal is low, the ASPD module is
disabled and all gate driver outputs are disabled.
nBRAKE
EN
PWMHx
PHMLx
DRHx
DRLx
0
0
X
X
HiZ
200K Pull Down
0
1
X
X
LO
HI
1
0
X
X
HiZ
200K Pull Down
1
1
0
0
LO
LO
0
1
LO
HI
1
0
HI
LO
1
1
LO
LO
13.7
Gate Driver Fault Protection
The ASPD incorporates a configurable fault protection mechanism using protection signal from the
Configurable Analog Front End (CAFE), designated as protection event 1 (PR) signal. The
DRL0/DRL1/DRL2 drivers are designated as low-side group 1. The DRH3/DRH4/DRH5 gate drivers are
designated as high-side group 1. The PR signal from the CAFE can be used to disable low-side group 1,
high-side group 1, or both depending on the PR mask bit settings. If the ASPD has unmasked the high-
side PR protection (CFGDRV1.nHSPRM = 1b) then the high-side gate drivers will be disabled. If the
ASPD has unmasked the low-side PR protection (CFGDRV1.nLSPRM = 1b), then the low-side gate
drivers will be disabled.
Alternatively, faults on any of the driven switches can be programmed to drive the nFAULT output signal,
in the event of a protection mechanism triggering.
Once the gate drivers have been disabled through an over current event, the MCU must reset the ASPD
by toggling the EN line for at least 50 us in order to re-enable the ASPD module.
13.8
Break Before Make (BBM)
The ASPD supports a Break Before Make (BBM) configuration option for hardware protection against
current shoot-through.
There are two types of BBM support:
•
Single-driver BBM
•
Half-bridge BBM
Single-driver BBM is always enabled and guarantees that the internal PMOS and NMOS FETs for a
single gate driver are not on at the same time.
Half-bridge BBM can be enabled by setting CFGDRV1.ENBBM to 1b. When enabled, the half-bridge
BBM function inserts 100ns of dead-time between in each of the half-bridge drivers (DRH3/DRL0,
DRH4/DRL1, DRH5/DRL2).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com