Electronic Components Datasheet Search
  English  ▼

X  

ACT72350 Datasheet(PDF) 80 Page - Qorvo, Inc

Part # ACT72350
Description  160V 3-phase BLDC Motor Driver with Integrated Power Manager and Configurable AFE
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

ACT72350 Datasheet(HTML) 80 Page - Qorvo, Inc

Back Button ACT72350 Datasheet HTML 76Page - Qorvo, Inc ACT72350 Datasheet HTML 77Page - Qorvo, Inc ACT72350 Datasheet HTML 78Page - Qorvo, Inc ACT72350 Datasheet HTML 79Page - Qorvo, Inc ACT72350 Datasheet HTML 80Page - Qorvo, Inc ACT72350 Datasheet HTML 81Page - Qorvo, Inc ACT72350 Datasheet HTML 82Page - Qorvo, Inc ACT72350 Datasheet HTML 83Page - Qorvo, Inc ACT72350 Datasheet HTML 84Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 97 page
background image
ACT72350 Data Sheet
160V 3 Phase BLDC Motor Driver
Data Sheet v1.1, 2025-02-17
Subject to change without notice
80 of 97
www.qorvo.com
®
13.9
Cycle by Cycle Current Limit
To provide hardware assist for current limit, the ASPD may be configured to temporarily disable the gate
drivers, when the current is over a configured threshold.
During these events, the ASPD may turn off all the high-side, low-side or high-side and low-side gate
drivers based on the state of the Signal Manager HPCOMP/LPCOMP comparators. This can allow
applications to have cycle by cycle current limit, without intervention of the MCU.
The diagram below shows how the protection comparators can be used to generate an event signal
PWMCBC, which can be used to control this operation.
Figure 13-3 Cycle by Cycle Current Limit
The mask signal (CFGDRV2.nDRVxyDISM) is used to select which half-bridge to enable cycle-by-cycle
current limit on, while CFGDRV2.LPCBCHS and CFGDRV2.LPCBCLS are used to select the high-side
or low-side gate driver for the half-bridge to disable.
The real-time status of which half-bridge is in cycle-by-cycle current limit operation is available in
STATDRV.DRVxyDISSTAT. The latched status is available in STATDRV.DRVxyDIS.
During operation, if the PWMCBC signal is high, then the output to the configured gate drivers is
temporarily disabled, until the PWMCBC becomes available again. The following shows which drivers are
disabled during this condition:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com