Electronic Components Datasheet Search
  English  ▼

X  

ACT72350 Datasheet(PDF) 23 Page - Qorvo, Inc

Part # ACT72350
Description  160V 3-phase BLDC Motor Driver with Integrated Power Manager and Configurable AFE
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

ACT72350 Datasheet(HTML) 23 Page - Qorvo, Inc

Back Button ACT72350 Datasheet HTML 19Page - Qorvo, Inc ACT72350 Datasheet HTML 20Page - Qorvo, Inc ACT72350 Datasheet HTML 21Page - Qorvo, Inc ACT72350 Datasheet HTML 22Page - Qorvo, Inc ACT72350 Datasheet HTML 23Page - Qorvo, Inc ACT72350 Datasheet HTML 24Page - Qorvo, Inc ACT72350 Datasheet HTML 25Page - Qorvo, Inc ACT72350 Datasheet HTML 26Page - Qorvo, Inc ACT72350 Datasheet HTML 27Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 97 page
background image
ACT72350 Data Sheet
160V 3 Phase BLDC Motor Driver
Data Sheet v1.1, 2025-02-17
Subject to change without notice
23 of 97
www.qorvo.com
®
11.2
Functional Description
The Configurable Power Manager i
s optimized to efficiently provide “all-in-one” power management
required by the ACT72350 and associated application circuitry. It incorporates a high-voltage power
supply controller that is used to convert power from a DC input source to generate a main supply output
VP. There is also an integrated medium-voltage buck DC/DC regulator to generate VSYS.
Two other linear regulators provide VCCIO and VCC33 supplies for 3.3V I/O and 3.3V mixed signal. The
power manager also handles system functions including internal reference generation, wakeup timer,
hibernate mode management, and power and temperature monitoring.
11.3
High-Voltage Supply Controller (HV-BUCK)
The ACT72350 contains a High-Voltage Supply Controller for a Buck DC/DC. This power supply is used
to supply the various regulators in the ACT72350, as generating the VP gate drive voltage for the
Application Specific Driver Manager (ASPD).
The HV-BUCK controller drives an external power MOSFET for pulse-width modulation switching of an
inductor or transformer for power conversion. The VM is the HV-BUCK supply controller input. The DRM
output drives the gate of the N-CH MOSFET between the VM on state and VSS off state at proper duty
cycle and switching frequency to ensure that the main supply voltage VP is regulated. The gate of the
high-side power MOSFET is connected to the DRM pin and the source of the high-side power MOSFET is
connected to SRC.
The VP regulation voltage is initially set to 15V during start up, and can be reconfigured to be 12V by the
microcontroller after initialization. When VP is lower than the target regulation voltage, the internal
feedback control circuitry causes the inductor current to increase to raise VP. Conversely, when VP is
higher than the regulation voltage, the feedback loop control causes the inductor current to decrease to
lower VP. The feedback loop is internally stabilized. The output current capability of the switching supply is
determined by the external current sense resistor. The inductor current signal is sensed differentially
between the CSM pin and VP, and has a peak current limit threshold of 0.2V.
Figure 11-2 HV-BUCK Example
ACT72350
BST
VP
DRM
SRC
CSM
VP
+
+
VM
Dr
The switching frequency and output voltage of the HV-BUCK can be reconfigured by the application MCU
through the SPI port. The switching frequency can be configured to be between 50kHz and 400kHz and



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com