Electronic Components Datasheet Search
  English  ▼

X  

ACT72350 Datasheet(PDF) 78 Page - Qorvo, Inc

Part # ACT72350
Description  160V 3-phase BLDC Motor Driver with Integrated Power Manager and Configurable AFE
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

ACT72350 Datasheet(HTML) 78 Page - Qorvo, Inc

Back Button ACT72350 Datasheet HTML 74Page - Qorvo, Inc ACT72350 Datasheet HTML 75Page - Qorvo, Inc ACT72350 Datasheet HTML 76Page - Qorvo, Inc ACT72350 Datasheet HTML 77Page - Qorvo, Inc ACT72350 Datasheet HTML 78Page - Qorvo, Inc ACT72350 Datasheet HTML 79Page - Qorvo, Inc ACT72350 Datasheet HTML 80Page - Qorvo, Inc ACT72350 Datasheet HTML 81Page - Qorvo, Inc ACT72350 Datasheet HTML 82Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 97 page
background image
ACT72350 Data Sheet
160V 3 Phase BLDC Motor Driver
Data Sheet v1.1, 2025-02-17
Subject to change without notice
78 of 97
www.qorvo.com
®
Figure 13-2 below shows typical gate driver connections and Table 13-1 shows the ASPD available
resources. The ASPD gate drivers support up to a 160V source supply.
Figure 13-2 Typical Gate Driver Connections
M
ACT72350
DRBx
DRHx
DRSx
DRLx
VMOTOR
Table 13-1 Power Driver Resources by Part Numbers
PART
NUMBER
LOW-SIDE GATE DRIVER
HIGH-SIDE GATE DRIVER
DRLx
SOURCE/SINK CURRENT
DRHx
SOURCE/BOOTSTRAP
SUPPLY
SOURCE/SINK CURRENT
ACT72350
3
2A/2A
3
160V/180V
2A/2A
The ASPD includes built-in configurable fault protection for the internal gate drivers.
13.4
Low-Side Gate Driver
The DRLx low-side gate driver drives the gate of an external MOSFET or IGBT switch between the low-
level power ground rail and high-level VP supply rail. The DRLx output pin has sink and source output
current capability of 2A. Each low-side gate driver is controlled by a PWM port input signal.
13.5
High-Side Gate Driver
The DRHx high-side gate driver drives the gate of an external MOSFET or IGBT switch between its low-
level DRSx driver source rail and its high-level DRBx bootstrap rail. The DRSx pin can go up to 160V
steady state (VM + 15V maximum). The DRHx output pin has sink and source output current capability of
2A.
The DRBx bootstrap pin can have a maximum operating voltage of 15V relative to the DRSx pin, and up
to 175V steady state. The DRSx pin can have a maximum operating voltage of 10V relative to the VM pin.
The DRSx pin is designed to tolerate momentary switching negative spikes down to -10V without
affecting the DRHx output state. Each high-side gate driver is controlled by a PWM port signal.
For bootstrapped high-side operation, connect an appropriate capacitor between DRBx and DRSx. Each
high side driver includes its own internal bootstrap diode with respective current limiting resistor. To
operate the DRHx output as a low-side gate driver, connect its DRBx pin to VP and its DRSx pin to VSS.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com