Electronic Components Datasheet Search
  English  ▼

X  

ACT72350 Datasheet(PDF) 92 Page - Qorvo, Inc

Part # ACT72350
Description  160V 3-phase BLDC Motor Driver with Integrated Power Manager and Configurable AFE
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

ACT72350 Datasheet(HTML) 92 Page - Qorvo, Inc

Back Button ACT72350 Datasheet HTML 88Page - Qorvo, Inc ACT72350 Datasheet HTML 89Page - Qorvo, Inc ACT72350 Datasheet HTML 90Page - Qorvo, Inc ACT72350 Datasheet HTML 91Page - Qorvo, Inc ACT72350 Datasheet HTML 92Page - Qorvo, Inc ACT72350 Datasheet HTML 93Page - Qorvo, Inc ACT72350 Datasheet HTML 94Page - Qorvo, Inc ACT72350 Datasheet HTML 95Page - Qorvo, Inc ACT72350 Datasheet HTML 96Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 97 page
background image
ACT72350 Data Sheet
160V 3 Phase BLDC Motor Driver
Data Sheet v1.1, 2025-02-17
Subject to change without notice
92 of 97
www.qorvo.com
®
16 CLK_OUT
16.1
Block Diagram
Figure 16-1 CLK_OUT Push Pull Output
CLK_OUT
DIV
VCCIO
VSS
CLK
REF
(1 MHz)
16.2
Functional Description
The ACT72350 device contains a 1 MHz internal oscillator with an output at the CLK_OUT terminal. The
purpose for this clock signal output is to allow external microcontrollers a known time base which can be
used to discriminate against faulty internal timing functions. By comparing the amount of time in between
pulses, microcontroller timer functions can be determined to be operating within normal useful range or
faulty conditions.
Enabling the CLK_OUT function is accomplished by writing a 1 to the SOC.MISC.CLKOUTEN register
bit. Default frequency is 125 KHz but by configuring the SOC.PWRCTL.CLKOUTFREQ registers bits
different divided down frequencies can be obtained.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com