Electronic Components Datasheet Search
  English  ▼

X  

ACT72350 Datasheet(PDF) 26 Page - Qorvo, Inc

Part # ACT72350
Description  160V 3-phase BLDC Motor Driver with Integrated Power Manager and Configurable AFE
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

ACT72350 Datasheet(HTML) 26 Page - Qorvo, Inc

Back Button ACT72350 Datasheet HTML 22Page - Qorvo, Inc ACT72350 Datasheet HTML 23Page - Qorvo, Inc ACT72350 Datasheet HTML 24Page - Qorvo, Inc ACT72350 Datasheet HTML 25Page - Qorvo, Inc ACT72350 Datasheet HTML 26Page - Qorvo, Inc ACT72350 Datasheet HTML 27Page - Qorvo, Inc ACT72350 Datasheet HTML 28Page - Qorvo, Inc ACT72350 Datasheet HTML 29Page - Qorvo, Inc ACT72350 Datasheet HTML 30Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 97 page
background image
ACT72350 Data Sheet
160V 3 Phase BLDC Motor Driver
Data Sheet v1.1, 2025-02-17
Subject to change without notice
26 of 97
www.qorvo.com
®
There is then a 0.5ms delay and the power good threshold of all LDOs is checked. If all are OK, then
there is an additional 1ms delay, then the POR signal is asserted, and the nRESET signal is released so
the application MCU can begin executing firmware.
During the firmware initialization process, the application MCU may change the VP output voltage setting
from the default value of 15V to 12V.
11.7
Hibernate Mode
The IC can go into an ultra-low power hibernate mode by asserting the nSLEEP signal. In hibernate
mode, only a minimal amount (typically 19µA at 56V) of current is used by VM, and the CPM controller
and all internal regulators are shut down to eliminate power drain from the output supplies. The system
exits hibernate mode after a wake-up timer duration (configurable from 125ms to 8s or infinite) has
expired or, if push button enabled, after an additional push button event has been detected. When exiting
the hibernate mode, the power manager goes through the start up cycle and the application
microcontroller can be reinitialized. Only the persistent power manager status bits (resets and faults) are
retained during hibernation.
To enable the push button feature, write to the SOC.MISC.PBEN bit.
11.8
Standby Mode
The IC can go into an intermediary low power mode by writing to the STBY bit to allow the system to
preserve power, while remaining powered, allowing the application to exit sleep mode much faster than
what can be achieved with the Hibernade mode. In Stand By mode, the DC/DC converter and VSYS are
allowed to remain oeprating, while the VCCIO and VCC33 regulators are disabled. The system exits
Stand By mode after a wake-up timer duration (configurable from 125ms to 8s or infinite) has expired or,
if push button enabled, after an additional push button event has been detected. When exiting the Stand
By mode, the power manager goes through the start up cycle
for the two disabled LDO’s and the
application microcontroller can be reinitialized. All internal registers content is retained during Stand By
mode.
To enter Stand By mode, write to the SOC.WATCHDOG.STDBY bit.
11.9
Power and Temperature Monitor
Whenever any of the VP, VSYS, VCCIO or VCC33 power supplies falls below their respective power good
threshold voltage, a fault event is detected and the nRESET signal is asserted (application microcontroller
is reset). The application microcontroller stays in the reset state until VSYS, VCCIO and VCC33 supply rails are
all good again and the POR time has expired. Faults are logged within the SOC.FAULT register and can
be sampled as follows:
•
VP FAULT: Read SOC.FAULT.VPFLT bit
•
VSYS FAULT: Read SOC.FAULT.VSYSFLT bit
•
VCCIO FAULT: Read SOC.FAULT.VCCIOFLT bit
•
VCC33 FAULT: Read SOC.FAULT.VCC33PFLT bit
An nRESET assertion can also be initiated by a maskable temperature fault event that occurs when the
IC temperature reaches 165°C. The fault status bits are persistent during reset, and can be read by the



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com