Electronic Components Datasheet Search
  English  ▼

X  

ACT72350 Datasheet(PDF) 47 Page - Qorvo, Inc

Part # ACT72350
Description  160V 3-phase BLDC Motor Driver with Integrated Power Manager and Configurable AFE
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

ACT72350 Datasheet(HTML) 47 Page - Qorvo, Inc

Back Button ACT72350 Datasheet HTML 43Page - Qorvo, Inc ACT72350 Datasheet HTML 44Page - Qorvo, Inc ACT72350 Datasheet HTML 45Page - Qorvo, Inc ACT72350 Datasheet HTML 46Page - Qorvo, Inc ACT72350 Datasheet HTML 47Page - Qorvo, Inc ACT72350 Datasheet HTML 48Page - Qorvo, Inc ACT72350 Datasheet HTML 49Page - Qorvo, Inc ACT72350 Datasheet HTML 50Page - Qorvo, Inc ACT72350 Datasheet HTML 51Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 97 page
background image
ACT72350 Data Sheet
160V 3 Phase BLDC Motor Driver
Data Sheet v1.1, 2025-02-17
Subject to change without notice
47 of 97
www.qorvo.com
®
Table 12-4 Phase Comparator (PHC) Electrical Characteristics (AIO<9:6>)
(VSYS = 5V, VCC33 = 3.3V and TA = -40
C to 125C unless otherwise specified.)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
VICMR;PHC
Input common mode range
0
VSYS
V
ICC;PHC
Operating supply current3
Each enabled comparator
35
A
VOS;PHC
Input offset voltage3
-10
10
mV
VHYS;PHC
Comparator Hysteresis,
HYSMODE = 0
AIO<9:7>HYS = 00b (0mV)
0
mV
AIO<9:7>HYS = 01b (6mV)
4
6
8
mV
AIO<9:7>HYS = 10b (12mV)
9
12
15
mV
AIO<9:7>HYS = 11b (24mV)
18
24
30
mV
Comparator Hysteresis,
HYSMODE = 1
AIO<9:7>HYS = 00b (0mV)
0
mV
AIO<9:7>HYS = 01b (24mV)
18
24
30
mV
AIO<9:7>HYS = 10b (48mV)
36
48
60
mV
AIO<9:7>HYS = 11b (96mV)
72
96
120
mV
tDEL;PHC
Comparator delay
10mV difference input
1
µs
Table 12-5 Special Mode Electrical Characteristics (AIO<9:7>)
(TA = -40
C to 125C unless otherwise specified.)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
VICMR;SPEC
Input common mode range
0
VSYS
V
ICC;SPEC
Operating supply current4
Each enabled comparator
35
A
VHSYS;SPEC
Comparator Hysteresis,
HYSMODE = 0
AIO<9:7>HYS = 00b (0mV)
0
mV
AIO<9:7>HYS = 01b (6mV)
4
6
8
mV
AIO<9:7>HYS = 10b (12mV)
9
12
15
mV
AIO<9:7>HYS = 11b (24mV)
18
24
30
mV
Comparator Hysteresis,
HYSMODE = 1
AIO<9:7>HYS = 00b (0mV)
0
mV
AIO<9:7>HYS = 01b (24mV)
18
24
30
mV
AIO<9:7>HYS = 10b (48mV)
36
48
60
mV
AIO<9:7>HYS = 11b (96mV)
72
96
120
mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com