Electronic Components Datasheet Search
  English  ▼

X  

WM8909 Datasheet(PDF) 43 Page - Cirrus Logic

Part # WM8909
Description  Multi-channel Audio Hub CODEC for Smartphones
PDF  363 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8909 Datasheet(HTML) 43 Page - Cirrus Logic

Back Button WM8909 Datasheet HTML 39Page - Cirrus Logic WM8909 Datasheet HTML 40Page - Cirrus Logic WM8909 Datasheet HTML 41Page - Cirrus Logic WM8909 Datasheet HTML 42Page - Cirrus Logic WM8909 Datasheet HTML 43Page - Cirrus Logic WM8909 Datasheet HTML 44Page - Cirrus Logic WM8909 Datasheet HTML 45Page - Cirrus Logic WM8909 Datasheet HTML 46Page - Cirrus Logic WM8909 Datasheet HTML 47Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 363 page
background image
WM8994
Rev 4.6
43
The WM8994 has highly flexible digital audio interfaces, supporting a number of protocols, including
I2S, DSP, MSB-first left/right justified, and can operate in master or slave modes. PCM operation is
supported in the DSP mode. A-law and
-law companding are also supported. Time division
multiplexing (TDM) is available to allow multiple devices to stream data simultaneously on the same
bus, saving space and power. The four digital MIC and ADC channels and four DAC channels are
available via four TDM channels on Digital Audio Interface 1 (AIF1).
A powerful digital mixing core allows data from each TDM channel of each audio interface and from
the ADCs and digital MICs to be mixed and re-routed back to a different audio interface and to the 4
DAC output channels. The digital mixing core can operate synchronously with either Audio Interface 1
or Audio Interface 2, with asynchronous stereo full duplex sample rate conversion performed on the
other audio interface as required.
The system clock (SYSCLK) provides clocking for the ADCs, DACs, DSP core, digital audio interface
and other circuits. SYSCLK can be derived directly from one of the MCLK1 or MCLK2 pins or via one
of two integrated FLLs, providing flexibility to support a wide range of clocking schemes. Typical
portable system MCLK frequencies, and sample rates from 8kHz to 96kHz are all supported.
Automatic configuration of the clocking circuits is available, derived from the sample rate and from the
MCLK / SYSCLK ratio.
The WM8994 uses a standard 2, 3 or 4-wire control interface, providing full software control of all
features, together with device register readback. An integrated Control Write Sequencer enables
automatic scheduling of control sequences; commonly-used signal configurations may be selected
using ready-programmed sequences, including time-optimised control of the WM8994 pop
suppression features. It is an ideal partner for a wide range of industry standard microprocessors,
controllers and DSPs. Unused circuitry can be disabled under software control, in order to save
power; low leakage currents enable extended standby/off time in portable battery-powered
applications.
Versatile GPIO functionality is provided, with support for button/accessory detect inputs, or for clock,
system status, or programmable logic level output for control of additional external circuitry. Interrupt
logic, status readback and de-bouncing options are supported within this functionality.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com