Electronic Components Datasheet Search
  English  ▼

X  

WM8909 Datasheet(PDF) 58 Page - Cirrus Logic

Part # WM8909
Description  Multi-channel Audio Hub CODEC for Smartphones
PDF  363 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8909 Datasheet(HTML) 58 Page - Cirrus Logic

Back Button WM8909 Datasheet HTML 54Page - Cirrus Logic WM8909 Datasheet HTML 55Page - Cirrus Logic WM8909 Datasheet HTML 56Page - Cirrus Logic WM8909 Datasheet HTML 57Page - Cirrus Logic WM8909 Datasheet HTML 58Page - Cirrus Logic WM8909 Datasheet HTML 59Page - Cirrus Logic WM8909 Datasheet HTML 60Page - Cirrus Logic WM8909 Datasheet HTML 61Page - Cirrus Logic WM8909 Datasheet HTML 62Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 363 page
background image
WM8994
58
Rev 4.6
DMICCLK pin
DMICDATn pin
(Left & Right
channels interleaved)
1
2
1
2
1
2
Left Mic output
1
1
1
Right Mic output
2
2
2
hi-Z
Figure 20 Digital Microphone Interface Timing
The four digital microphone channels can be routed to one of the four timeslots on AIF1. The
DMICDAT1 microphones, when enabled, are routed to the Left/Right channels of AIF1 Timeslot 0.
The DMICDAT2 microphones, when enabled, are routed to the Left/Right channels of AIF1 Timeslot
1.
Digital volume control of the digital microphone channels in the AIF1 signal paths is provided using
the registers described in the “Digital Volume and Filter Control” section.
The digital microphone channels can be routed, in a limited number of configurations, to the digital
mixing output bus, via the digital sidetone signal paths. See “Digital Mixing” for further details.
Digital volume control of the digital microphone channels in the digital sidetone signal paths is
provided using the registers described in the “Digital Mixing” section.
The digital microphone interface control fields are described in Table 9.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R4 (0004h)
Power
Managemen
t (4)
5
DMIC2L_ENA
0
Digital microphone DMICDAT2
Left channel enable
0 = Disabled
1 = Enabled
4
DMIC2R_ENA
0
Digital microphone DMICDAT2
Right channel enable
0 = Disabled
1 = Enabled
3
DMIC1L_ENA
0
Digital microphone DMICDAT1
Left channel enable
0 = Disabled
1 = Enabled
2
DMIC1R_ENA
0
Digital microphone DMICDAT1
Right channel enable
0 = Disabled
1 = Enabled
Table 9 Digital Microphone Interface Control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com