Electronic Components Datasheet Search
  English  ▼

X  

WM8909 Datasheet(PDF) 12 Page - Cirrus Logic

Part # WM8909
Description  Multi-channel Audio Hub CODEC for Smartphones
PDF  363 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8909 Datasheet(HTML) 12 Page - Cirrus Logic

Back Button WM8909 Datasheet HTML 8Page - Cirrus Logic WM8909 Datasheet HTML 9Page - Cirrus Logic WM8909 Datasheet HTML 10Page - Cirrus Logic WM8909 Datasheet HTML 11Page - Cirrus Logic WM8909 Datasheet HTML 12Page - Cirrus Logic WM8909 Datasheet HTML 13Page - Cirrus Logic WM8909 Datasheet HTML 14Page - Cirrus Logic WM8909 Datasheet HTML 15Page - Cirrus Logic WM8909 Datasheet HTML 16Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 363 page
background image
WM8994
12
Rev 4.6
RECOMMENDED OPERATING CONDITIONS
PARAMETER
SYMBOL
MIN
TYP
MAX
UNIT
Digital supply range (Core)
See notes 7, 8
DCVDD
0.95
1.0
2.0
V
Digital supply range (I/O)
DBVDD
1.62
1.8
3.6
V
Analogue supply 1 range
See notes 3, 4, 5, 6
AVDD1
2.4
3.0
3.3
V
Analogue supply 2 range
AVDD2
1.71
1.8
2.0
V
Charge Pump supply range
CPVDD
1.71
1.8
2.0
V
Speaker supply range
SPKVDD1, SPKVDD2
2.7
5.0
5.5
V
LDO1 supply range
LDO1VDD
2.7
5.0
5.5
V
LDO2 supply range
LDO2VDD
1.71
1.8
2.0
V
Ground
DGND, AGND, CPGND,
SPKGND1, SPKGND2,
REFGND, HP2GND
0
V
Power supply rise time
See notes 9, 10, 11
All supplies
1
s
Operating temperature range
TA
-40
85
°C
Notes
1.
Analogue, digital and speaker grounds must always be within 0.3V of AGND.
2.
There is no power sequencing requirement; the supplies may be enabled in any order.
3.
AVDD1 must be less than or equal to SPKVDD1 and SPKVDD2.
4.
An internal LDO (powered by LDO1VDD) can be used to provide the AVDD1 supply.
5.
When AVDD1 is supplied externally (not from LDO1), the LDO1VDD voltage must be greater than or equal to AVDD1
6.
The WM8994 can operate with AVDD1 tied to 0V; power consumption may be reduced, but the analogue audio functions will
not be supported.
7.
An internal LDO (powered by LDO2VDD) can be used to provide the DCVDD supply.
8.
When DCVDD is supplied externally (not from LDO2), the LDO2VDD voltage must be greater than or equal to DCVDD
9.
DCVDD and AVDD1 minimum rise times do not apply when these domains are powered using the internal LDOs.
10. The specified minimum power supply rise times assume a minimum decoupling capacitance of 100nF per pin. However, Cirrus
Logic strongly advises that the recommended decoupling capacitors are present on the PCB and that appropriate layout
guidelines are observed (see “Applications Information” section).
11. The specified minimum power supply rise times also assume a maximum PCB inductance of 10nH between decoupling
capacitor and pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com