Electronic Components Datasheet Search
  English  ▼

X  

WM8909 Datasheet(PDF) 46 Page - Cirrus Logic

Part # WM8909
Description  Multi-channel Audio Hub CODEC for Smartphones
PDF  363 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8909 Datasheet(HTML) 46 Page - Cirrus Logic

Back Button WM8909 Datasheet HTML 42Page - Cirrus Logic WM8909 Datasheet HTML 43Page - Cirrus Logic WM8909 Datasheet HTML 44Page - Cirrus Logic WM8909 Datasheet HTML 45Page - Cirrus Logic WM8909 Datasheet HTML 46Page - Cirrus Logic WM8909 Datasheet HTML 47Page - Cirrus Logic WM8909 Datasheet HTML 48Page - Cirrus Logic WM8909 Datasheet HTML 49Page - Cirrus Logic WM8909 Datasheet HTML 50Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 363 page
background image
WM8994
46
Rev 4.6
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R1
(0001h)
Power
Managem
ent (1)
5
MICB2_ENA
0
Microphone Bias 2 Enable
0 = Disabled
1 = Enabled
4
MICB1_ENA
0
Microphone Bias 1 Enable
0 = Disabled
1 = Enabled
R57
(0039h)
AntiPOP
(2)
8
MICB2_DISCH
0
Microphone Bias 2 Discharge
0 = MICBIAS2 floating when disabled
1 = MICBIAS2 discharged when disabled
7
MICB1_DISCH
0
Microphone Bias 1 Discharge
0 = MICBIAS1 floating when disabled
1 = MICBIAS1 discharged when disabled
R58
(003Ah)
MICBIAS
1
MICB2_LVL
0
Microphone Bias 2 Voltage Control
0 = 0.9 * AVDD1
1 = 0.65 * AVDD1
0
MICB1_LVL
0
Microphone Bias 1 Voltage Control
0 = 0.9 * AVDD1
1 = 0.65 * AVDD1
Table 1 Microphone Bias Control
Note that the maximum source current capability for MICBIAS1 and MICBIAS2 is 2.4mA each. The
external biasing resistance must be large enough to limit each MICBIAS current to 2.4mA across the
full microphone impedance range.
An external capacitor is required on MICBIAS1 and MICBIAS2 in order to ensure accuracy and
stability of each regulator. The recommended capacitance is 4.7
F in each case. See “Recommended
External Components
” for further details.
Note that, if the MICBIAS1 or MICBIAS2 regulator is not enabled, then no external capacitor is
required on the respective MICBIAS pin.
MICROPHONE CURRENT DETECT
A MICBIAS current detect function allows detection of accessories such as headset microphones.
When the MICBIAS load current exceeds one of two programmable thresholds, (e.g. short circuit
current or normal operating current), an interrupt or GPIO output can be generated. The current
detection circuit is enabled by the MICD_ENA bit; the current thresholds are selected by the
MICD_THR and MICD_SCTHR register fields as described in Table 83
. See “General Purpose
Input/Output
” for a full description of these fields.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com