Electronic Components Datasheet Search
  English  ▼

X  

WM8909 Datasheet(PDF) 35 Page - Cirrus Logic

Part # WM8909
Description  Multi-channel Audio Hub CODEC for Smartphones
PDF  363 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8909 Datasheet(HTML) 35 Page - Cirrus Logic

Back Button WM8909 Datasheet HTML 31Page - Cirrus Logic WM8909 Datasheet HTML 32Page - Cirrus Logic WM8909 Datasheet HTML 33Page - Cirrus Logic WM8909 Datasheet HTML 34Page - Cirrus Logic WM8909 Datasheet HTML 35Page - Cirrus Logic WM8909 Datasheet HTML 36Page - Cirrus Logic WM8909 Datasheet HTML 37Page - Cirrus Logic WM8909 Datasheet HTML 38Page - Cirrus Logic WM8909 Datasheet HTML 39Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 363 page
background image
WM8994
Rev 4.6
35
AUDIO INTERFACE TIMING
DIGITAL MICROPHONE (DMIC) INTERFACE TIMING
(left data)
(right data)
DMICDAT
(input)
VIL
VIH
tRH
tRSU
tLH
tLSU
VOL
DMICCLK
(output)
tCY
VOH
Figure 3 Digital Microphone Interface Timing
Test Conditions
The following timing information is valid across the full range of recommended operating conditions.
PARAMETER
SYMBOL
MIN
TYP
MAX
UNIT
Digital Microphone Interface Timing
DMICCLK cycle time
tCY
320
ns
DMICCLK duty cycle
45:55
55:45
DMICDAT (Left) setup time to falling DMICCLK edge
tLSU
15
ns
DMICDAT (Left) hold time from falling DMICCLK edge
tLH
0
ns
DMICDAT (Right) setup time to rising DMICCLK edge
tRSU
15
ns
DMICDAT (Right) hold time from rising DMICCLK edge
tRH
0
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com