Electronic Components Datasheet Search
  English  ▼

X  

WM8909 Datasheet(PDF) 7 Page - Cirrus Logic

Part # WM8909
Description  Multi-channel Audio Hub CODEC for Smartphones
PDF  363 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8909 Datasheet(HTML) 7 Page - Cirrus Logic

Back Button WM8909 Datasheet HTML 3Page - Cirrus Logic WM8909 Datasheet HTML 4Page - Cirrus Logic WM8909 Datasheet HTML 5Page - Cirrus Logic WM8909 Datasheet HTML 6Page - Cirrus Logic WM8909 Datasheet HTML 7Page - Cirrus Logic WM8909 Datasheet HTML 8Page - Cirrus Logic WM8909 Datasheet HTML 9Page - Cirrus Logic WM8909 Datasheet HTML 10Page - Cirrus Logic WM8909 Datasheet HTML 11Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 363 page
background image
WM8994
Rev 4.6
7
PIN CONFIGURATION
CS/ADDR
SPKGND2
SPKGND1
SPKOUT
LN
1
A
F
E
D
C
B
TOP VIEW – WM8994
GPIO2/
MCLK2
LDO2VDD
DCVDD
BCLK1
SCLK
DMICCLK
MICBIAS2
LINEOUT
1N
LINEOUT
2N
CIFMODE
LINEOUT
FB
REFGND
SPKOUT
RP
SPKMODE
SPKVDD1
LINEOUT
1P
LINEOUT
2P
SPKOUT
RN
SPKVDD2
6
5
4
3
2
VREFC
DGND
MCLK1
LDO2ENA
LDO1ENA
AGND
GPIO11/
BCLK3
DACDAT1
ADCDAT1
LRCLK1
GPIO9/
ADCDAT3
GPIO4/
LRCLK2
SDA
GPIO7/
ADCDAT2
DBVDD
HPOUT1R
HPOUT1FB
GPIO6/
ADC
LRCLK2
ADC
LRCLK1/
GPIO1
HPOUT1L
GPIO3/
BCLK2
GPIO8/
DACDAT3
GPIO5/
DACDAT2
GPIO10/
LRCLK3
VMIDC
IN1LP
IN2RP/
VRXP
IN2RN/
DMICDAT
2
IN1RN
MICBIAS1
IN2LN/
DMICDAT
1
IN2LP/
VRXN
IN1RP
9
8
7
IN1LN
AVDD1
AVDD2
AGND
AGND
HPOUT2N
HPOUT2P
HP2GND
LDO1VDD
CPVDD
CPCA
CPVOUTP
CPCB
CPVOUTN
CPGND
G
H
SPKOUT
LP
ORDERING INFORMATION
ORDER CODE
TEMPERATURE RANGE
PACKAGE
MOISTURE
SENSITIVITY LEVEL
PEAK SOLDERING
TEMPERATURE
WM8994ECS/R
-40
C to +85C
72-ball W-CSP
(Pb-free, Tape and reel)
MSL1
260
C
Note:
Reel quantity = 3500



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com