Electronic Components Datasheet Search
  English  ▼

X  

WM8909 Datasheet(PDF) 57 Page - Cirrus Logic

Part # WM8909
Description  Multi-channel Audio Hub CODEC for Smartphones
PDF  363 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8909 Datasheet(HTML) 57 Page - Cirrus Logic

Back Button WM8909 Datasheet HTML 53Page - Cirrus Logic WM8909 Datasheet HTML 54Page - Cirrus Logic WM8909 Datasheet HTML 55Page - Cirrus Logic WM8909 Datasheet HTML 56Page - Cirrus Logic WM8909 Datasheet HTML 57Page - Cirrus Logic WM8909 Datasheet HTML 58Page - Cirrus Logic WM8909 Datasheet HTML 59Page - Cirrus Logic WM8909 Datasheet HTML 60Page - Cirrus Logic WM8909 Datasheet HTML 61Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 363 page
background image
WM8994
Rev 4.6
57
DIGITAL MICROPHONE INTERFACE
The WM8994 supports a four-channel digital microphone interface. Two channels of audio data are
multiplexed on the DMICDAT1 pin and a further two channels are multiplexed on the DMICDAT2 pin.
All four channels are clocked using the DMICCLK output pin.
The DMICDAT1 function is shared with the IN2LN pin; the analogue signal paths from IN2LN cannot
be used when this pin is used for DMICDAT1 digital microphone input.
The DMICDAT2 function is shared with the IN2RN pin; the analogue signal paths from IN2RN cannot
be used when this pin is used for DMICDAT2 digital microphone input.
The digital microphone interface is referenced to the MICBIAS1 voltage domain; the MICBIAS1 output
must be enabled (MICB1_ENA = 1) when using the digital microphone interface.
The MICBIAS1 generator is suitable for use as a low noise supply for the digital microphones. (See
“Analogue Input Signal Path” for details of the MICBIAS1 generator.)
When digital microphone input is enabled, the WM8994 outputs a clock signal on the DMICCLK pin.
The DMICCLK frequency for all supported digital microphone clocking modes is described later in this
section.
A pair of digital microphones is connected as illustrated in Figure 19. The microphones must be
configured to ensure that the Left mic transmits a data bit when DMICCLK is high, and the Right mic
transmits a data bit when DMICCLK is low. The WM8994 samples the digital microphone data at the
end of each DMICCLK phase. Each microphone must tri-state its data output when the other
microphone is transmitting.
Digital Mic
DMICDAT1
4.7uF
MICBIAS1
AGND
Digital Mic
DMICCLK
VDD
CLK
DATA
VDD
CLK
DATA
CHAN
CHAN
VDD
Digital
Microphone
Interface
Figure 19 Digital Microphone Input
The DMICDAT1 digital microphone channels are enabled using DMIC1L_ENA and DMIC1R_ENA.
When these signal paths are enabled, the respective ADC path is disconnected and the digital
microphone data is routed to the digital mixing input bus, as illustrated in “Digital Mixing”.
The DMICDAT2 digital microphone channels are enabled using DMIC2L_ENA and DMIC2R_ENA.
When these signal paths are enabled, the digital microphone data is routed to the digital mixing input
bus, as illustrated in “Digital Mixing”.
Two microphone channels are interleaved on DMICDAT1; another two channels are interleaved on
DMICDAT2. The timing is illustrated in Figure 20. Each microphone must tri-state its data output when
the other microphone is transmitting.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com