Electronic Components Datasheet Search
  English  ▼

X  

WM8909 Datasheet(PDF) 15 Page - Cirrus Logic

Part # WM8909
Description  Multi-channel Audio Hub CODEC for Smartphones
PDF  363 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8909 Datasheet(HTML) 15 Page - Cirrus Logic

Back Button WM8909 Datasheet HTML 11Page - Cirrus Logic WM8909 Datasheet HTML 12Page - Cirrus Logic WM8909 Datasheet HTML 13Page - Cirrus Logic WM8909 Datasheet HTML 14Page - Cirrus Logic WM8909 Datasheet HTML 15Page - Cirrus Logic WM8909 Datasheet HTML 16Page - Cirrus Logic WM8909 Datasheet HTML 17Page - Cirrus Logic WM8909 Datasheet HTML 18Page - Cirrus Logic WM8909 Datasheet HTML 19Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 363 page
background image
WM8994
Rev 4.6
15
INPUT PIN RESISTANCE
Test Conditions
TA = +25
oC.
With the exception of the condition(s) noted above, the following electrical characteristics are valid across the full range of
recommended operating conditions.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
B1
PGA Input Resistance
Differential Mode
See note 5
See “Applications
Information
” for details of
Input resistance at all
PGA Gain settings.
Gain = -16.5dB
(INnx_VOL=00h)
RIN
-
+
IN1L, IN2L,
IN1R or IN2R
RIN
IN1LN,
IN2LN,
IN1RN or
IN2RN
IN1LP,
IN2LP,
IN1RP or
IN2RP
53
k
Gain = 0dB
(INnx_VOL=0Bh)
25
k
Gain = +30dB
(INnx_VOL=1Fh)
1.3
k
B2
PGA Input Resistance
Single-Ended Mode
See note 5
See “Applications
Information
” for details of
Input resistance at all
PGA Gain settings.
Gain = -16.5dB
(INnx_VOL=00h)
-
+
IN1L, IN2L,
IN1R or IN2R
RIN
IN1LN,
IN2LN,
IN1RN or
IN2RN
VMID
58
k
Gain = 0dB
(INnx_VOL=0Bh)
36
k
Gain = +30dB
(INnx_VOL=1Fh)
2.5
k
B3
Line Input Resistance
See note 5
IN1LP to MIXINL, or
IN1RP to MIXINR
Gain = -12dB
(IN1xP_MIXINx_VOL=001)
IN1LP or
IN1RP
MIXINL or
MIXINR
RIN
+
56
k
IN1LP to MIXINL, or
IN1RP to MIXINR
Gain = 0dB
(IN1xP_MIXINx_VOL=101)
17
k
IN1LP to MIXINL, or
IN1RP to MIXINR
Gain = +6dB
(IN1xP_MIXINx_VOL=111)
9.8
k
IN1LP to MIXINL, or
IN1RP to MIXINR
Gain = +15dB
(IN1xP_MIXINx_VOL=111,
IN1xP_MIXINx_BOOST=1)
3.7
k
IN1LP to SPKMIXL, or
IN1RP to SPKMIXR
(SPKATTN = -12dB)
IN1LP or
IN1RP
SPKMIXL or
SPKMIXR
RIN
+
89
k
IN1LP to SPKMIXL, or
IN1RP to SPKMIXR
(SPKATTN = 0dB)
27
k
IN2LN, IN2RN, IN2LP or
IN2RP to MIXOUTL or
MIXOUTR
Gain = -21dB
(*MIXOUTx_VOL=111)
IN2LN,
IN2RN,
IN2LP or
IN2RP
MIXOUTL or
MIXOUTR
RIN
+
150
k
IN2LN, IN2RN, IN2LP or
IN2RP to MIXOUTL or
MIXOUTR
Gain = -12dB
59
k



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com