Electronic Components Datasheet Search
  English  ▼

X  

WM8909 Datasheet(PDF) 44 Page - Cirrus Logic

Part # WM8909
Description  Multi-channel Audio Hub CODEC for Smartphones
PDF  363 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8909 Datasheet(HTML) 44 Page - Cirrus Logic

Back Button WM8909 Datasheet HTML 40Page - Cirrus Logic WM8909 Datasheet HTML 41Page - Cirrus Logic WM8909 Datasheet HTML 42Page - Cirrus Logic WM8909 Datasheet HTML 43Page - Cirrus Logic WM8909 Datasheet HTML 44Page - Cirrus Logic WM8909 Datasheet HTML 45Page - Cirrus Logic WM8909 Datasheet HTML 46Page - Cirrus Logic WM8909 Datasheet HTML 47Page - Cirrus Logic WM8909 Datasheet HTML 48Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 363 page
background image
WM8994
44
Rev 4.6
ANALOGUE INPUT SIGNAL PATH
The WM8994 has eight highly flexible analogue input channels, configurable in a large number of
combinations:
1. Up to four fully differential or single-ended microphone inputs
2. Up to eight mono line inputs or 4 stereo line inputs
3. A dedicated mono differential input from external voice CODEC
These inputs may be mixed together or independently routed to different combinations of output
drivers. An internal record path is provided at the input mixers to allow DAC output to be mixed with
the input signal path (e.g. for voice call recording).
The WM8994 input signal paths and control registers are illustrated in Figure 12.
IN1LP
IN1LN
IN1RN
IN2LN/DMICDAT1
IN2RN/DMICDAT2
IN1RP
IN2LP/VRXN
IN2RP/VRXP
MIXINR
IN1L
IN2L
IN2R
IN1R
RXVOICE
MIXINL
REC L
REC R
+
+
IN2L_ENA
MIXINL_ENA
IN1L_MUTE / IN1L_VOL[4:0]
IN1LP_TO_IN1L
IN2LRP_MIXINL_VOL[2:0]
IN2R_TO_MIXINR / IN2R_MIXINR_VOL
IN2L_TO_MIXINL / IN2L_MIXINL_VOL
IN1L_TO_MIXINL / IN1L_MIXINL_VOL
MIXOUTL_MIXINL_VOL[2:0]
IN1LP_MIXINL_VOL[2:0]
MIXINR_ENA
IN2LRP_MIXINR_VOL[2:0]
IN1RP_MIXINR_VOL[2:0]
MIXOUTR_MIXINR_VOL[2:0]
IN1R_TO_MIXINR / IN1R_MIXINR_VOL
IN1L_ENA
IN2R_ENA
IN1R_ENA
IN2L_MUTE / IN2L_VOL[4:0]
IN1R_MUTE / IN1R_VOL[4:0]
IN2R_MUTE / IN2R_VOL[4:0]
IN1RN_TO_IN1R
IN1RP_TO_IN1R
IN2RN_TO_IN2R
IN2RP_TO_IN2R
IN2LN_TO_IN2L
IN2LP_TO_IN2L
IN1LN_TO_IN1L
IN1R
IN1L
MIXINR
MIXINL
IN1LP
IN1LN
IN1RN
IN2LN
IN2RN
IN1RP
IN2LP/VRXN
IN2RP/VRXP
ADC R
ADC L
VMID_BUF_ENA
VMID
Buffered VMID
reference
Figure 12 Control Registers for Input Signal Path



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com