Electronic Components Datasheet Search
  English  ▼

X  

WM8909 Datasheet(PDF) 71 Page - Cirrus Logic

Part # WM8909
Description  Multi-channel Audio Hub CODEC for Smartphones
PDF  363 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8909 Datasheet(HTML) 71 Page - Cirrus Logic

Back Button WM8909 Datasheet HTML 67Page - Cirrus Logic WM8909 Datasheet HTML 68Page - Cirrus Logic WM8909 Datasheet HTML 69Page - Cirrus Logic WM8909 Datasheet HTML 70Page - Cirrus Logic WM8909 Datasheet HTML 71Page - Cirrus Logic WM8909 Datasheet HTML 72Page - Cirrus Logic WM8909 Datasheet HTML 73Page - Cirrus Logic WM8909 Datasheet HTML 74Page - Cirrus Logic WM8909 Datasheet HTML 75Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 363 page
background image
WM8994
Rev 4.6
71
“Digital Audio Interface Control”. See “General Purpose Input/Output” to configure the GPIO1 pin as
ADCLRCLK1. The ADCLRCLK1
rate is controlled as described in “Digital Audio Interface Control”.
When
ultrasonic mode is enabled, the audio band filtering and digital volume controls (see “Digital
Volume and Filter Control
”) are bypassed on the affected output paths.
The Dynamic Range Control (DRC) function is not available on the AIF1 output signal paths in
ultrasonic mode. Note, however, that the DRC is still available on the AIF input paths in this case.
The ultrasonic (4FS) signal paths are illustrated in Figure 23. The AIF1ADC_4FS register bit is defined
in Table 21.
AIF1ADC_4FS
DIGITAL AUDIO
INTERFACE 1 (AIF1)
+
+
+
+
0R
0L
1R
1L
0R
0L
1R
1L
Left / Right source select / Mono Mix control
AIF1 Slot 1
AIF1 Slot 0
AIF1 Slot 1
AIF1 Slot 0
fs / 4fs Select
DRC
DRC
EQ
3D
3D
EQ
DRC
DRC
Figure 23 Ultrasonic (4FS) Signal Paths
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R1040 (0410h)
AIF1 ADC1
Filters
15
AIF1ADC_4FS
0
Enable AIF1ADC ultrasonic mode
(4FS) output, bypassing all AIF1
baseband output filtering
0 = Disabled
1 = Enabled
Table 21 Ultrasonic (4FS) Mode Control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com