Electronic Components Datasheet Search
  English  ▼

X  

WM8909 Datasheet(PDF) 70 Page - Cirrus Logic

Part # WM8909
Description  Multi-channel Audio Hub CODEC for Smartphones
PDF  363 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8909 Datasheet(HTML) 70 Page - Cirrus Logic

Back Button WM8909 Datasheet HTML 66Page - Cirrus Logic WM8909 Datasheet HTML 67Page - Cirrus Logic WM8909 Datasheet HTML 68Page - Cirrus Logic WM8909 Datasheet HTML 69Page - Cirrus Logic WM8909 Datasheet HTML 70Page - Cirrus Logic WM8909 Datasheet HTML 71Page - Cirrus Logic WM8909 Datasheet HTML 72Page - Cirrus Logic WM8909 Datasheet HTML 73Page - Cirrus Logic WM8909 Datasheet HTML 74Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 363 page
background image
WM8994
70
Rev 4.6
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R1540 (0604h)
DAC2 Left
Mixer Routing
5
ADCR_TO_DAC
2L
0
Enable Sidetone STR to DAC2L
0 = Disabled
1 = Enabled
4
ADCL_TO_DAC
2L
0
Enable Sidetone STL to DAC2L
0 = Disabled
1 = Enabled
2
AIF2DACL_TO_
DAC2L
0
Enable AIF2 (Left) to DAC2L
0 = Disabled
1 = Enabled
1
AIF1DAC2L_TO
_DAC2L
0
Enable AIF1 (Timeslot 1, Left) to
DAC2L
0 = Disabled
1 = Enabled
0
AIF1DAC1L_TO
_DAC2L
0
Enable AIF1 (Timeslot 0, Left) to
DAC2L
0 = Disabled
1 = Enabled
R1541 (0605h)
DAC2 Right
Mixer Routing
5
ADCR_TO_DAC
2R
0
Enable Sidetone STR to DAC2R
0 = Disabled
1 = Enabled
4
ADCL_TO_DAC
2R
0
Enable Sidetone STL to DAC2R
0 = Disabled
1 = Enabled
2
AIF2DACR_TO_
DAC2R
0
Enable AIF2 (Right) to DAC2R
0 = Disabled
1 = Enabled
1
AIF1DAC2R_TO
_DAC2R
0
Enable AIF1 (Timeslot 1, Right) to
DAC2R
0 = Disabled
1 = Enabled
0
AIF1DAC1R_TO
_DAC2R
0
Enable AIF1 (Timeslot 0, Right) to
DAC2R
0 = Disabled
1 = Enabled
Table 20 DAC Output Digital Mixing
AUDIO INTERFACE 2 (AIF2) DIGITAL MIXING
There are two output channels on AIF2. The audio source for these two channels is the same as the
selected source for DAC2L and DAC2R, as described in “DAC Output Digital Mixing”.
Note that the Left/Right channels of AIF2 can be inve
rted or interchanged if required; see “Digital
Audio Interface Control
”.
ULTRASONIC (4FS) AIF OUTPUT MODE
The WM8994 provides an ultrasonic mode on the output paths of the AIF1 audio interface. The
ultrasonic mode enables high frequency signals (such as ultrasonic microphone signals) to be output.
Ultrasonic mode is enabled on AIF1 using the AIF1ADC_4FS register bit. When the ultrasonic mode is
selected, the AIF1 output sample rate is increased by a factor of 4. For example, a 48kHz sample rate
will be output at 192kHz in ultrasonic mode.
Ultrasonic mode is only supported in AIF Master mode and uses the ADCLRCLK output (not the
LRCLK). When ultrasonic mode is enabled, AIF1 must be configured in Master mode, as described in



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com