Electronic Components Datasheet Search
  English  ▼

X  

WM8909 Datasheet(PDF) 36 Page - Cirrus Logic

Part # WM8909
Description  Multi-channel Audio Hub CODEC for Smartphones
PDF  363 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8909 Datasheet(HTML) 36 Page - Cirrus Logic

Back Button WM8909 Datasheet HTML 32Page - Cirrus Logic WM8909 Datasheet HTML 33Page - Cirrus Logic WM8909 Datasheet HTML 34Page - Cirrus Logic WM8909 Datasheet HTML 35Page - Cirrus Logic WM8909 Datasheet HTML 36Page - Cirrus Logic WM8909 Datasheet HTML 37Page - Cirrus Logic WM8909 Datasheet HTML 38Page - Cirrus Logic WM8909 Datasheet HTML 39Page - Cirrus Logic WM8909 Datasheet HTML 40Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 363 page
background image
WM8994
36
Rev 4.6
DIGITAL AUDIO INTERFACE - MASTER MODE
BCLK
(output)
LRCLK
(output)
ADCDAT
(output)
DACDAT
(input)
tDDA
tDHT
tDST
tDL
tBCY
VOH
VOL
VOH
VOL
VOH
VOL
VIH
VIL
Figure 4 Audio Interface Timing - Master Mode
Note that BCLK and LRCLK outputs can be inverted if required; Figure 4 shows the default, non-
inverted polarity of these signals.
Test Conditions
The following timing information is valid across the full range of recommended operating conditions.
PARAMETER
SYMBOL
MIN
TYP
MAX
UNIT
Audio Interface Timing - Master Mode
BCLK cycle time
tBCY
160
ns
LRCLK propagation delay from BCLK falling edge
tDL
20
ns
ADCDAT propagation delay from BCLK falling edge
tDDA
48
ns
DACDAT setup time to BCLK rising edge
tDST
32
ns
DACDAT hold time from BCLK rising edge
tDHT
10
ns
Audio Interface Timing - Ultrasonic (4FS) Master Mode
BCLK cycle time
tBCY
80
ns
ADCDAT propagation delay from BCLK falling edge
tDDA
24
ns
Note that the descriptions above assume non-inverted polarity of BCLK and LRCLK.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com