Electronic Components Datasheet Search
  English  ▼

X  

WM8909 Datasheet(PDF) 69 Page - Cirrus Logic

Part # WM8909
Description  Multi-channel Audio Hub CODEC for Smartphones
PDF  363 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8909 Datasheet(HTML) 69 Page - Cirrus Logic

Back Button WM8909 Datasheet HTML 65Page - Cirrus Logic WM8909 Datasheet HTML 66Page - Cirrus Logic WM8909 Datasheet HTML 67Page - Cirrus Logic WM8909 Datasheet HTML 68Page - Cirrus Logic WM8909 Datasheet HTML 69Page - Cirrus Logic WM8909 Datasheet HTML 70Page - Cirrus Logic WM8909 Datasheet HTML 71Page - Cirrus Logic WM8909 Datasheet HTML 72Page - Cirrus Logic WM8909 Datasheet HTML 73Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 363 page
background image
WM8994
Rev 4.6
69
DAC OUTPUT DIGITAL MIXING
There are four DAC digital mixers, one for each DAC. The inputs to each DAC mixer comprise signals
from AIF1, AIF2 and the digital sidetone signals.
Note that the Left/Right channels of the AIF1 and AIF2 inputs can be inverted or interchanged if
required; see “Digital Audio Interface Control”.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R1537 (0601h)
DAC1 Left
Mixer Routing
5
ADCR_TO_DAC
1L
0
Enable Sidetone STR to DAC1L
0 = Disabled
1 = Enabled
4
ADCL_TO_DAC
1L
0
Enable Sidetone STL to DAC1L
0 = Disabled
1 = Enabled
2
AIF2DACL_TO_
DAC1L
0
Enable AIF2 (Left) to DAC1L
0 = Disabled
1 = Enabled
1
AIF1DAC2L_TO
_DAC1L
0
Enable AIF1 (Timeslot 1, Left) to
DAC1L
0 = Disabled
1 = Enabled
0
AIF1DAC1L_TO
_DAC1L
0
Enable AIF1 (Timeslot 0, Left) to
DAC1L
0 = Disabled
1 = Enabled
R1538 (0602h)
DAC1 Right
Mixer Routing
5
ADCR_TO_DAC
1R
0
Enable Sidetone STR to DAC1R
0 = Disabled
1 = Enabled
4
ADCL_TO_DAC
1R
0
Enable Sidetone STL to DAC1R
0 = Disabled
1 = Enabled
2
AIF2DACR_TO_
DAC1R
0
Enable AIF2 (Right) to DAC1R
0 = Disabled
1 = Enabled
1
AIF1DAC2R_TO
_DAC1R
0
Enable AIF1 (Timeslot 1, Right) to
DAC1R
0 = Disabled
1 = Enabled
0
AIF1DAC1R_TO
_DAC1R
0
Enable AIF1 (Timeslot 0, Right) to
DAC1R
0 = Disabled
1 = Enabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com