Electronic Components Datasheet Search
  English  ▼

X  

WM8909 Datasheet(PDF) 9 Page - Cirrus Logic

Part # WM8909
Description  Multi-channel Audio Hub CODEC for Smartphones
PDF  363 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8909 Datasheet(HTML) 9 Page - Cirrus Logic

Back Button WM8909 Datasheet HTML 5Page - Cirrus Logic WM8909 Datasheet HTML 6Page - Cirrus Logic WM8909 Datasheet HTML 7Page - Cirrus Logic WM8909 Datasheet HTML 8Page - Cirrus Logic WM8909 Datasheet HTML 9Page - Cirrus Logic WM8909 Datasheet HTML 10Page - Cirrus Logic WM8909 Datasheet HTML 11Page - Cirrus Logic WM8909 Datasheet HTML 12Page - Cirrus Logic WM8909 Datasheet HTML 13Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 363 page
background image
WM8994
Rev 4.6
9
PIN NO
NAME
TYPE
DESCRIPTION
G6
HPOUT1R
Analogue Output
Right headphone output
F9
HPOUT2N
Analogue Output
Earpiece speaker inverted output
F8
HPOUT2P
Analogue Output
Earpiece speaker non-inverted output
D7
IN1LN
Analogue Input
Left channel single-ended MIC input /
Left channel negative differential MIC input
C8
IN1LP
Analogue Input
Left channel line input /
Left channel positive differential MIC input
B7
IN1RN
Analogue Input
Right channel single-ended MIC input /
Right channel negative differential MIC input
C7
IN1RP
Analogue Input
Right channel line input /
Right channel positive differential MIC input
B9
IN2LN/
DMICDAT1
Analogue Input /
Digital Input
Left channel line input /
Left channel negative differential MIC input /
Digital MIC data input 1
B8
IN2LP/VRXN
Analogue Input
Left channel line input /
Left channel positive differential MIC input /
Mono differential negative input (RXVOICE -)
A9
IN2RN/
DMICDAT2
Analogue Input /
Digital Input
Right channel line input /
Right channel negative differential MIC input /
Digital MIC data input 2
A8
IN2RP/VRXP
Analogue Input
Left channel line input /
Left channel positive differential MIC input /
Mono differential positive input (RXVOICE +)
D4
LDO1ENA
Digital Input
Enable pin for LDO1
E9
LDO1VDD
Supply
Supply for LDO1
D5
LDO2ENA
Digital Input
Enable pin for LDO2
D1
LDO2VDD
Supply
Supply for LDO2
C5
LINEOUT1N
Analogue Output
Negative mono line output / Positive left or right line output
B5
LINEOUT1P
Analogue Output
Positive mono line output / Positive left line output
C4
LINEOUT2N
Analogue Output
Negative mono line output / Positive left or right line output
B4
LINEOUT2P
Analogue Output
Positive mono line output / Positive left line output
A6
LINEOUTFB
Analogue Input
Line output ground loop noise rejection feedback
E3
LRCLK1
Digital Input / Output
Audio interface 1 left / right clock
D3
MCLK1
Digital Input
Master clock 1
A7
MICBIAS1
Analogue Output
Microphone bias 1
B6
MICBIAS2
Analogue Output
Microphone bias 2
A5
REFGND
Supply
Analogue ground
H1
SCLK
Digital Input
Control interface clock input
F3
SDA
Digital Input / Output
Control interface data input and output / 2-wire acknowledge output
A1
SPKGND1
Supply
Ground for speaker driver (Return path for SPKVDD1)
C1
SPKGND2
Supply
Ground for speaker driver (Return path for SPKVDD2)
A3
SPKMODE
Digital Input
Mono / Stereo speaker mode select
B1
SPKOUTLN
Analogue Output
Left speaker negative output
A2
SPKOUTLP
Analogue Output
Left speaker positive output
C3
SPKOUTRN
Analogue Output
Right speaker negative output
B3
SPKOUTRP
Analogue Output
Right speaker positive output
B2
SPKVDD1
Supply
Supply for speaker driver 1 (Left channel)
C2
SPKVDD2
Supply
Supply for speaker driver 2 (Right channel)
C9
VMIDC
Analogue Output
Midrail voltage decoupling capacitor
E6
VREFC
Analogue Output
Bandgap reference decoupling capacitor



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com