Electronic Components Datasheet Search
  English  ▼

X  

WM8909 Datasheet(PDF) 72 Page - Cirrus Logic

Part # WM8909
Description  Multi-channel Audio Hub CODEC for Smartphones
PDF  363 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8909 Datasheet(HTML) 72 Page - Cirrus Logic

Back Button WM8909 Datasheet HTML 68Page - Cirrus Logic WM8909 Datasheet HTML 69Page - Cirrus Logic WM8909 Datasheet HTML 70Page - Cirrus Logic WM8909 Datasheet HTML 71Page - Cirrus Logic WM8909 Datasheet HTML 72Page - Cirrus Logic WM8909 Datasheet HTML 73Page - Cirrus Logic WM8909 Datasheet HTML 74Page - Cirrus Logic WM8909 Datasheet HTML 75Page - Cirrus Logic WM8909 Datasheet HTML 76Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 363 page
background image
WM8994
72
Rev 4.6
DYNAMIC RANGE CONTROL (DRC)
The Dynamic Range Control (DRC) is a circuit which can be enabled in the digital playback or digital
record paths of the WM8994 audio interfaces. The function of the DRC is to adjust the signal gain in
conditions where the input amplitude is unknown or varies over a wide range, e.g. when recording
from microphones built into a handheld system.
The DRC can apply Compression and Automatic Level Control to the signal path. It incorporates ‘anti-
clip’ and ‘quick release’ features for handling transients in order to improve intelligibility in the
presence of loud impulsive noises.
The DRC also incorporates a Noise Gate function, which provides additional attenuation of very low-
level input signals. This means that the signal path is quiet when no signal is present, giving an
improvement in background noise level under these conditions.
The WM8994 provides three stereo Dynamic Range Controllers (DRCs); these are associated with
AIF1 timeslot 0, AIF1 timeslot 1 and AIF2 respectively. Each DRC can be enabled either in the DAC
playback (AIF input) path or in the ADC record (AIF out
put) path, as described in the “Digital Core
Architecture
” section.
The DRCs are enabled in the DAC or ADCs audio signal paths using the register bits described in
Table 22. Note that enabling any DRC in the DAC and ADC paths simultaneously is an invalid
selection.
When the DRC is enabled in any of the ADC (digital record) paths, the associated High Pass Filter
(HPF) must be enabled also; this ensures that DC offsets are removed prior to the DRC processing.
The output path HPF control registers are described in Table 36 (for AIF1 output paths) and Table 43
(for AIF2 output paths). These are described in the “Digital Volume and Filter Control” section.
Note that, when ultrasonic (4FS) mode is selected on AIF1, then the DRC function is bypassed on the
respective ADC (output) signal paths. The DRC may still be selected on the AIF1 DAC (input) signal
paths.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R1088 (0440h)
AIF1 DRC1 (1)
2
AIF1DAC1_DRC
_ENA
0
Enable DRC in AIF1DAC1 playback
path (AIF1, Timeslot 0)
0 = Disabled
1 = Enabled
1
AIF1ADC1L_DR
C_ENA
0
Enable DRC in AIF1ADC1 (Left)
record path (AIF1, Timeslot 0)
0 = Disabled
1 = Enabled
0
AIF1ADC1R_DR
C_ENA
0
Enable DRC in AIF1ADC1 (Right)
record path (AIF1, Timeslot 0)
0 = Disabled
1 = Enabled
R1104 (0450h)
AIF1 DRC2 (1)
2
AIF1DAC2_DRC
_ENA
0
Enable DRC in AIF1DAC2 playback
path (AIF1, Timeslot 1)
0 = Disabled
1 = Enabled
1
AIF1ADC2L_DR
C_ENA
0
Enable DRC in AIF1ADC2 (Left)
record path (AIF1, Timeslot 1)
0 = Disabled
1 = Enabled
0
AIF1ADC2R_DR
C_ENA
0
Enable DRC in AIF1ADC2 (Right)
record path (AIF1, Timeslot 1)
0 = Disabled
1 = Enabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com