Electronic Components Datasheet Search
  English  ▼

X  

WM8909 Datasheet(PDF) 75 Page - Cirrus Logic

Part # WM8909
Description  Multi-channel Audio Hub CODEC for Smartphones
PDF  363 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8909 Datasheet(HTML) 75 Page - Cirrus Logic

Back Button WM8909 Datasheet HTML 71Page - Cirrus Logic WM8909 Datasheet HTML 72Page - Cirrus Logic WM8909 Datasheet HTML 73Page - Cirrus Logic WM8909 Datasheet HTML 74Page - Cirrus Logic WM8909 Datasheet HTML 75Page - Cirrus Logic WM8909 Datasheet HTML 76Page - Cirrus Logic WM8909 Datasheet HTML 77Page - Cirrus Logic WM8909 Datasheet HTML 78Page - Cirrus Logic WM8909 Datasheet HTML 79Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 363 page
background image
WM8994
Rev 4.6
75
The “Knee1” point in Figure 24 is determined by register fields [DRC]_KNEE_IP and
[DRC]_KNEE_OP.
Parameter Y0, the output level for a 0dB input, is not specified directly, but can be calculated from the
other parameters, using the equation:
Y0 = [DRC]_KNEE_OP
– ([DRC]_KNEE_IP * [DRC]_HI_COMP)
GAIN LIMITS
The minimum and maximum gain applied by the DRC is set by register fields [DRC]_MINGAIN,
[DRC]_MAXGAIN and [DRC]_NG_MINGAIN. These limits can be used to alter the DRC response
from that illustrated in Figure 24. If the range between maximum and minimum gain is reduced, then
the extent of the dynamic range control is reduced.
The minimum gain in the Compression regions of the DRC response is set by [DRC]_MINGAIN. The
mimimum gain in the Noise Gate region is set by [DRC]_NG_MINGAIN. The minimum gain limit
prevents excessive attenuation of the signal path.
The maximum gain limit set by [DRC]_MAXGAIN prevents quiet signals (or silence) from being
excessively amplified.
DYNAMIC CHARACTERISTICS
The dynamic behaviour determines how quickly the DRC responds to changing signal levels. Note
that the DRC responds to the average (RMS) signal amplitude over a period of time.
The [DRC]_ATK determines how quickly the DRC gain decreases when the signal amplitude is high.
The [DRC]_DCY determines how quickly the DRC gain increases when the signal amplitude is low.
These register fields are described in Table 24, Table 25 and Table 26. Note that the register defaults
are suitable for general purpose microphone use.
ANTI-CLIP CONTROL
The DRC includes an Anti-Clip feature to avoid signal clipping when the input amplitude rises very
quickly. This feature uses a feed-forward technique for early detection of a rising signal level. Signal
clipping is avoided by dynamically increasing the gain attack rate when required. The Anti-Clip feature
is enabled using the [DRC]_ANTICLIP bit.
Note that the feed-forward processing increases the latency in the input signal path.
Note that the Anti-Clip feature operates entirely in the digital domain. It cannot be used to prevent
signal clipping in the analogue domain nor in the source signal. Analogue clipping can only be
prevented by reducing the analogue signal gain or by adjusting the source signal.
Note that the Anti-Clip feature should not be enabled at the same time as the Quick Release feature
(described below) on the same DRC.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com