Electronic Components Datasheet Search
  English  ▼

X  

WM8909 Datasheet(PDF) 47 Page - Cirrus Logic

Part # WM8909
Description  Multi-channel Audio Hub CODEC for Smartphones
PDF  363 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8909 Datasheet(HTML) 47 Page - Cirrus Logic

Back Button WM8909 Datasheet HTML 43Page - Cirrus Logic WM8909 Datasheet HTML 44Page - Cirrus Logic WM8909 Datasheet HTML 45Page - Cirrus Logic WM8909 Datasheet HTML 46Page - Cirrus Logic WM8909 Datasheet HTML 47Page - Cirrus Logic WM8909 Datasheet HTML 48Page - Cirrus Logic WM8909 Datasheet HTML 49Page - Cirrus Logic WM8909 Datasheet HTML 50Page - Cirrus Logic WM8909 Datasheet HTML 51Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 363 page
background image
WM8994
Rev 4.6
47
LINE AND VOICE CODEC INPUTS
All eight analogue input pins may be used as line inputs. Each line input has different signal path
options, providing flexibility, high performance and low power consumption for many different usage
modes.
IN1LN and IN1RN can operate as single-ended line inputs to the input PGAs IN1L and IN1R
respectively. These inputs provide a high gain path if required for low input signal levels.
IN2LN and IN2RN can operate as single-ended line inputs to the input PGAs IN2L and IN2R
respectively, providing further high gain signal paths. These pins can also be connected to either of
the output mixers MIXOUTL and MIXOUTR.
IN1LP and IN1RP can operate as single-ended line inputs to the input mixers MIXINL and MIXINR, or
to the speaker mixers SPKMIXL and SPKMIXR. These signal paths enable power consumption to be
reduced, by allowing the input PGAs and other circuits to be disabled if not required.
IN2LP/VRXN and IN2RP/VRXP can operate in three different ways:
Mono differential ’RXVOICE’ input (e.g. from an external voice CODEC) to the input mixers
MIXINL and MIXINR.
Single-ended line inputs to either of the output mixers MIXOUTL and MIXOUTR.
Ultra-low power mono differential
‘Direct Voice’ input (e.g. from an external voice CODEC)
to the ear speaker driver on HPOUT2, or to either of the speaker drivers on SPKOUTL and
SPKOUTR.
Signal path configuration to the input PGAs and input mixers is detailed later in this section. Signal
path configuration to the
output mixers and speaker mixers is described in “Analogue Output Signal
Path
”.
The line input and voice CODEC input configurations are illustrated in Figure 15 through to Figure 18.
MIXINL/R
PGA
VMID
IN1LN or
IN1RN
Line Input
PGA
VMID
IN2LN,
IN2RN
Line Input
MIXINL/R
MIXOUTL/R
Figure 15 IN1LN or IN1RN as Line Inputs
Figure 16 IN2LN or IN2RN as Line Inputs
PGA
VMID
IN1LP,
IN1RP
Line Input
MIXINL/R
SPKMIXL/R
PGA
VMID
IN2LP/VRXN or
IN2RP/VRXP
Line Input
MIXINL/R
‘Direct Voice’
‘Rx Voice’
MIXOUTL/R
Bypass
SPKOUTL/R or
HPOUT2
Figure 17 IN1LP or IN1RP as Line Inputs
Figure 18 IN2LP or IN2RP as Line Inputs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com