Electronic Components Datasheet Search
  English  ▼

X  

WM8909 Datasheet(PDF) 45 Page - Cirrus Logic

Part # WM8909
Description  Multi-channel Audio Hub CODEC for Smartphones
PDF  363 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8909 Datasheet(HTML) 45 Page - Cirrus Logic

Back Button WM8909 Datasheet HTML 41Page - Cirrus Logic WM8909 Datasheet HTML 42Page - Cirrus Logic WM8909 Datasheet HTML 43Page - Cirrus Logic WM8909 Datasheet HTML 44Page - Cirrus Logic WM8909 Datasheet HTML 45Page - Cirrus Logic WM8909 Datasheet HTML 46Page - Cirrus Logic WM8909 Datasheet HTML 47Page - Cirrus Logic WM8909 Datasheet HTML 48Page - Cirrus Logic WM8909 Datasheet HTML 49Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 363 page
background image
WM8994
Rev 4.6
45
MICROPHONE INPUTS
Up to four microphones can be connected to the WM8994, either in single-ended or differential mode.
A dedicated PGA is provided for each microphone input. Two low noise microphone bias circuits are
provided, reducing the need for external components.
For single-ended microphone inputs, the microphone signal is connected to the inverting input of the
PGAs (IN1LN, IN2LN, IN1RN or IN2RN). The non-inverting inputs of the PGAs are internally
connected to VMID in this configuration. The non-inverting input pins IN1LP, IN2LP, IN1RP and
IN2RP are free to be used as line connections to the input or output mixers in this configuration.
For differential microphone inputs, the non-inverted microphone signal is connected to the non-
inverting input of the PGAs (IN1LP, IN2LP, IN1RP or IN2RP)
, whilst the inverted (or ‘noisy ground’)
signal is connected to the inverting input pins (IN1LN, IN2LN, IN1RN and IN2RN).
The gain of the input PGAs is controlled via register settings, as defined in Table 4. Note that the input
impedance of both inverting and non-inverting inputs changes with the input PGA gain setting, as
described unde
r “Electrical Characteristics”. See also the “Applications Information” for details of input
resistance at all PGA Gain settings.
The microphone input configurations are illustrated in Figure 13 and Figure 14. Note that any PGA
input pin that is used in either microphone configuration is not available for use as a line input path at
the same time.
MIC
GND
To
input
mixers
PGA
VMID
MICBIAS
IN1LN,
IN2LN,
IN1RN,
IN2RN
IN1LP,
IN2LP,
IN1RP,
IN2RP
MIC
GND
To
input
mixers
PGA
VMID
MICBIAS
IN1LN,
IN2LN,
IN1RN,
IN2RN
IN1LP,
IN2LP,
IN1RP,
IN2RP
Figure 13 Single-Ended Microphone Input
Figure 14 Differential Microphone Input
MICROPHONE BIAS CONTROL
There are two MICBIAS generators which provide low noise reference voltages suitable for powering
silicon (MEMS) microphones or biasing electret condenser (ECM) type microphones via an external
resistor.
The MICBIAS voltages can be independently enabled using the MICB1_ENA and MICB2_ENA control
bits; the voltage of each can be selected using the MICB1_LVL and MICB2_LVL register bits as
detailed in Table 1.
An external decoupling capacitor is required on each of the MICBIAS outputs, and must be connected
whenever the associated MICBIAS output is enabled. Enabling either of the MICBIAS outputs with no
external capacitor may result in degraded device performance and is not recommended. Refer to the
“Applications Information” section for recommended external components.
When a MICBIAS output is disabled, the output pin can be configured to be floating or to be actively
discharged. This is selected using the MICB1_DISCH and MICB2_DISCH register btis.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com