Electronic Components Datasheet Search
  English  ▼

X  

WM8909 Datasheet(PDF) 98 Page - Cirrus Logic

Part # WM8909
Description  Multi-channel Audio Hub CODEC for Smartphones
PDF  363 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8909 Datasheet(HTML) 98 Page - Cirrus Logic

Back Button WM8909 Datasheet HTML 94Page - Cirrus Logic WM8909 Datasheet HTML 95Page - Cirrus Logic WM8909 Datasheet HTML 96Page - Cirrus Logic WM8909 Datasheet HTML 97Page - Cirrus Logic WM8909 Datasheet HTML 98Page - Cirrus Logic WM8909 Datasheet HTML 99Page - Cirrus Logic WM8909 Datasheet HTML 100Page - Cirrus Logic WM8909 Datasheet HTML 101Page - Cirrus Logic WM8909 Datasheet HTML 102Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 98 / 363 page
background image
WM8994
98
Rev 4.6
AIF1/AIF2 Input
Volume
Volume
(dB)
AIF1/AIF2 Input
Volume
Volume
(dB)
AIF1/AIF2 Input
Volume
Volume
(dB)
AIF1/AIF2 Input
Volume
Volume
(dB)
0h
MUTE
40h
-48.000
80h
-24.000
C0h
0.000
1h
-71.625
41h
-47.625
81h
-23.625
C1h
0.000
2h
-71.250
42h
-47.250
82h
-23.250
C2h
0.000
3h
-70.875
43h
-46.875
83h
-22.875
C3h
0.000
4h
-70.500
44h
-46.500
84h
-22.500
C4h
0.000
5h
-70.125
45h
-46.125
85h
-22.125
C5h
0.000
6h
-69.750
46h
-45.750
86h
-21.750
C6h
0.000
7h
-69.375
47h
-45.375
87h
-21.375
C7h
0.000
8h
-69.000
48h
-45.000
88h
-21.000
C8h
0.000
9h
-68.625
49h
-44.625
89h
-20.625
C9h
0.000
Ah
-68.250
4Ah
-44.250
8Ah
-20.250
CAh
0.000
Bh
-67.875
4Bh
-43.875
8Bh
-19.875
CBh
0.000
Ch
-67.500
4Ch
-43.500
8Ch
-19.500
CCh
0.000
Dh
-67.125
4Dh
-43.125
8Dh
-19.125
CDh
0.000
Eh
-66.750
4Eh
-42.750
8Eh
-18.750
CEh
0.000
Fh
-66.375
4Fh
-42.375
8Fh
-18.375
CFh
0.000
10h
-66.000
50h
-42.000
90h
-18.000
D0h
0.000
11h
-65.625
51h
-41.625
91h
-17.625
D1h
0.000
12h
-65.250
52h
-41.250
92h
-17.250
D2h
0.000
13h
-64.875
53h
-40.875
93h
-16.875
D3h
0.000
14h
-64.500
54h
-40.500
94h
-16.500
D4h
0.000
15h
-64.125
55h
-40.125
95h
-16.125
D5h
0.000
16h
-63.750
56h
-39.750
96h
-15.750
D6h
0.000
17h
-63.375
57h
-39.375
97h
-15.375
D7h
0.000
18h
-63.000
58h
-39.000
98h
-15.000
D8h
0.000
19h
-62.625
59h
-38.625
99h
-14.625
D9h
0.000
1Ah
-62.250
5Ah
-38.250
9Ah
-14.250
DAh
0.000
1Bh
-61.875
5Bh
-37.875
9Bh
-13.875
DBh
0.000
1Ch
-61.500
5Ch
-37.500
9Ch
-13.500
DCh
0.000
1Dh
-61.125
5Dh
-37.125
9Dh
-13.125
DDh
0.000
1Eh
-60.750
5Eh
-36.750
9Eh
-12.750
DEh
0.000
1Fh
-60.375
5Fh
-36.375
9Fh
-12.375
DFh
0.000
20h
-60.000
60h
-36.000
A0h
-12.000
E0h
0.000
21h
-59.625
61h
-35.625
A1h
-11.625
E1h
0.000
22h
-59.250
62h
-35.250
A2h
-11.250
E2h
0.000
23h
-58.875
63h
-34.875
A3h
-10.875
E3h
0.000
24h
-58.500
64h
-34.500
A4h
-10.500
E4h
0.000
25h
-58.125
65h
-34.125
A5h
-10.125
E5h
0.000
26h
-57.750
66h
-33.750
A6h
-9.750
E6h
0.000
27h
-57.375
67h
-33.375
A7h
-9.375
E7h
0.000
28h
-57.000
68h
-33.000
A8h
-9.000
E8h
0.000
29h
-56.625
69h
-32.625
A9h
-8.625
E9h
0.000
2Ah
-56.250
6Ah
-32.250
AAh
-8.250
EAh
0.000
2Bh
-55.875
6Bh
-31.875
ABh
-7.875
EBh
0.000
2Ch
-55.500
6Ch
-31.500
ACh
-7.500
ECh
0.000
2Dh
-55.125
6Dh
-31.125
ADh
-7.125
EDh
0.000
2Eh
-54.750
6Eh
-30.750
AEh
-6.750
EEh
0.000
2Fh
-54.375
6Fh
-30.375
AFh
-6.375
EFh
0.000
30h
-54.000
70h
-30.000
B0h
-6.000
F0h
0.000
31h
-53.625
71h
-29.625
B1h
-5.625
F1h
0.000
32h
-53.250
72h
-29.250
B2h
-5.250
F2h
0.000
33h
-52.875
73h
-28.875
B3h
-4.875
F3h
0.000
34h
-52.500
74h
-28.500
B4h
-4.500
F4h
0.000
35h
-52.125
75h
-28.125
B5h
-4.125
F5h
0.000
36h
-51.750
76h
-27.750
B6h
-3.750
F6h
0.000
37h
-51.375
77h
-27.375
B7h
-3.375
F7h
0.000
38h
-51.000
78h
-27.000
B8h
-3.000
F8h
0.000
39h
-50.625
79h
-26.625
B9h
-2.625
F9h
0.000
3Ah
-50.250
7Ah
-26.250
BAh
-2.250
FAh
0.000
3Bh
-49.875
7Bh
-25.875
BBh
-1.875
FBh
0.000
3Ch
-49.500
7Ch
-25.500
BCh
-1.500
FCh
0.000
3Dh
-49.125
7Dh
-25.125
BDh
-1.125
FDh
0.000
3Eh
-48.750
7Eh
-24.750
BEh
-0.750
FEh
0.000
3Fh
-48.375
7Fh
-24.375
BFh
-0.375
FFh
0.000
Table 39 AIF1 Input Path Digital Volume Range



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com