Electronic Components Datasheet Search
  English  ▼

X  

WM8909 Datasheet(PDF) 30 Page - Cirrus Logic

Part # WM8909
Description  Multi-channel Audio Hub CODEC for Smartphones
PDF  363 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8909 Datasheet(HTML) 30 Page - Cirrus Logic

Back Button WM8909 Datasheet HTML 26Page - Cirrus Logic WM8909 Datasheet HTML 27Page - Cirrus Logic WM8909 Datasheet HTML 28Page - Cirrus Logic WM8909 Datasheet HTML 29Page - Cirrus Logic WM8909 Datasheet HTML 30Page - Cirrus Logic WM8909 Datasheet HTML 31Page - Cirrus Logic WM8909 Datasheet HTML 32Page - Cirrus Logic WM8909 Datasheet HTML 33Page - Cirrus Logic WM8909 Datasheet HTML 34Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 363 page
background image
WM8994
30
Rev 4.6
TERMINOLOGY
1.
Signal-to-Noise Ratio (dB)
– SNR is a measure of the difference in level between the maximum full scale output signal and the
output with no input signal applied.
2.
Total Harmonic Distortion (dB)
– THD is the level of the rms value of the sum of harmonic distortion products relative to the
amplitude of the measured output signal.
3.
Total Harmonic Distortion plus Noise (dB)
– THD+N is the level of the rms value of the sum of harmonic distortion products
plus noise in the specified bandwidth relative to the amplitude of the measured output signal.
4.
Power Supply Rejection Ratio (dB) - PSRR is the ratio of a specified power supply variation relative to the output signal that
results from it. PSRR is measured under quiescent signal path conditions.
5.
Common Mode Rejection Ratio (dB)
– CMRR is the ratio of a specified input signal (applied to both sides of a differential
input), relative to the output signal that results from it.
6.
Channel Separation (L/R) (dB)
– left-to-right and right-to-left channel separation is the difference in level between the active
channel (driven to maximum full scale output) and the measured signal level in the idle channel at the test signal frequency.
The active channel is configured and supplied with an appropriate input signal to drive a full scale output, with signal measured
at the output of the associated idle channel.
7.
Multi-Path Crosstalk (dB)
– is the difference in level between the output of the active path and the measured signal level in the
idle path at the test signal frequency. The active path is configured and supplied with an appropriate input signal to drive a full
scale output, with signal measured at the output of the specified idle path.
8.
Mute Attenuation
– This is a measure of the difference in level between the full scale output signal and the output with mute
applied.
9.
All performance measurements carried out with 20kHz low pass filter, and where noted an A-weighted filter. Failure to use
such a filter will result in higher THD and lower SNR readings than are found in the Electrical Characteristics. The low pass
filter removes out of band noise; although it is not audible it may affect dynamic specification values.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com