Electronic Components Datasheet Search
  English  ▼

X  

WM8909 Datasheet(PDF) 62 Page - Cirrus Logic

Part # WM8909
Description  Multi-channel Audio Hub CODEC for Smartphones
PDF  363 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8909 Datasheet(HTML) 62 Page - Cirrus Logic

Back Button WM8909 Datasheet HTML 58Page - Cirrus Logic WM8909 Datasheet HTML 59Page - Cirrus Logic WM8909 Datasheet HTML 60Page - Cirrus Logic WM8909 Datasheet HTML 61Page - Cirrus Logic WM8909 Datasheet HTML 62Page - Cirrus Logic WM8909 Datasheet HTML 63Page - Cirrus Logic WM8909 Datasheet HTML 64Page - Cirrus Logic WM8909 Datasheet HTML 65Page - Cirrus Logic WM8909 Datasheet HTML 66Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 363 page
background image
WM8994
62
Rev 4.6
DIGITAL CORE ARCHITECTURE
The WM8994 Digital Core provides an extensive set of mixing and signal processing features. The
Digital Core Architecture is illustrated in Figure 21, which also identifies the datasheet sections
applicable to each portion of the Digital Core.
Audio Interface 1 (AIF1) supports audio input and output on two stereo timeslots simultaneously,
making a total of four inputs and four outputs. The mixing of the four AIF1 output paths is described in
“Audio Interface 1 (AIF1) Output Mixing”.
A digital mixing path from the ADCs or Digital Microphones to the DAC output paths provides a high
quality sidetone for voice calls or other applications. The sidetone configu
ration is described in “Digital
Sidetone Mixing
”; the associated filter and volume control is described in “Digital Sidetone Volume
and Filter Control
”.
Each of the four hi-fi DACs has a dedicated mixer for controlling the signal paths to that DAC. The
configuration of these signal paths is described in “DAC Output Digital Mixing”.
Each DAC is provided with digital volume control, soft mute / un-mute and a low pass filter. The
ass
ociated controls are defined in the “Digital to Analogue Converter (DAC)” section.
Digital processing can be applied to the four input channels of AIF1 and the two input channels of
AIF2. The available features include 5-band equalization (EQ), 3D stereo expansion and dynamic
range control (DRC).
The EQ provides the capability to tailor the audio path according to the frequency characteristics of an
earpiece or loudspeaker, and/or according to user preferences. The EQ controls are described in
“ReTune Mobile Parametric Equalizer (EQ)”. The DRC provides adaptive signal level control to
improve the handling of unpredictable signal levels and to improve intelligibility in the presence of
transients and impulsi
ve noises. The DRC controls are described in “Dynamic Range Control (DRC)”.
3D stereo expansion provides a stereo enhancement effect; the depth of the effect is programmable,
as described in “3D Stereo Expansion”.
The input channels of AIF1 and AIF2 are also equipped with digital volume control, soft mute / un-
mute and de-
emphasis filter control; see “Digital Volume and Filter Control” for details of these
features.
The output channels of AIF1 and AIF2 can be configured using the digital volume control and a
programmable high-pass filter (HPF). The Dynamic Range Control (DRC) circuit can also be applied
here, with the restriction that a DRC cannot be enabled in the input and output path of one AIF
channel at the same time. The AIF output volume and filter controls are described in “Digital Volume
and Filter Control
”.
The WM8994 provides an ultrasonic mode on the output paths of AIF1, allowing high frequency
signals (such as ultrasonic microphone signals) to be output. See “Ultrasonic (4FS) AIF Output Mode”
for further details.
The WM8994 provides two full audio interfaces, AIF1 and AIF2. Each interface supports a number of
protocols, including I2S, DSP, MSB-first left/right justified, and can operate in master or slave modes.
PCM operation is supported in the DSP mode. A-law and
-law companding are also supported. Time
division multiplexing (TDM) is available to allow multiple devices to stream data simultaneously on the
same bus, saving space and power.
Four-channel input and output is supported using TDM on AIF1. Two-channel input and output is
supported on AIF2. A third interface, AIF3, is partially supported, using multiplexers to re-configure
alternate connections to AIF1 or AIF2.
Signal mixing between audio interfaces is possible. The WM8994 performs stereo full-duplex sample
rate conversion between the audio interfaces as required. (Note that sample rate conversion is not
supported on some signal paths, as noted in Figure 21).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com