Electronic Components Datasheet Search
  English  ▼

X  

WM8909 Datasheet(PDF) 32 Page - Cirrus Logic

Part # WM8909
Description  Multi-channel Audio Hub CODEC for Smartphones
PDF  363 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8909 Datasheet(HTML) 32 Page - Cirrus Logic

Back Button WM8909 Datasheet HTML 28Page - Cirrus Logic WM8909 Datasheet HTML 29Page - Cirrus Logic WM8909 Datasheet HTML 30Page - Cirrus Logic WM8909 Datasheet HTML 31Page - Cirrus Logic WM8909 Datasheet HTML 32Page - Cirrus Logic WM8909 Datasheet HTML 33Page - Cirrus Logic WM8909 Datasheet HTML 34Page - Cirrus Logic WM8909 Datasheet HTML 35Page - Cirrus Logic WM8909 Datasheet HTML 36Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 363 page
background image
WM8994
32
Rev 4.6
TYPICAL SIGNAL LATENCY
OPERATING MODE
TEST CONDITIONS
LATENCY
AIF1
AIF2
DIGITAL CORE
AIF2 to DAC Stereo Path
AIF2 EQ enabled,
AIF2 3D enabled,
AIF2 DRC enabled,
SRC enabled
fs=8kHz,
Clock rate = 256fs
fs=8kHz,
Clock rate = 1536fs
SYSCLK=AIF1CLK
1.4ms
fs=48kHz,
Clock rate = 256fs
fs=8kHz,
Clock rate = 1536fs
SYSCLK=AIF1CLK
1.3ms
fs=8kHz,
Clock rate = 256fs
fs=8kHz,
Clock rate = 256fs
SYSCLK=AIF1CLK
1.7ms
fs=48kHz,
Clock rate = 256fs
fs=8kHz,
Clock rate = 256fs
SYSCLK=AIF1CLK
1.4ms
ADC to AIF2 Stereo Path
Digital Sidetone HPF enabled,
AIF2 DRC enabled,
AIF2 HPF enabled,
SRC enabled
fs=8kHz,
Clock rate = 256fs
fs=8kHz,
Clock rate = 256fs
SYSCLK=AIF1CLK
2.2ms
fs=48kHz,
Clock rate = 256fs
fs=8kHz,
Clock rate = 256fs
SYSCLK=AIF1CLK
1.2ms
Digital Sidetone HPF disabled,
AIF2 DRC disabled,
AIF2 HPF disabled,
SRC disabled
fs=8kHz,
Clock rate = 1536fs
SYSCLK=AIF2CLK
1.3ms
Digital Sidetone HPF disabled,
AIF2 DRC disabled,
AIF2 HPF disabled,
SRC enabled
fs=48kHz,
Clock rate = 256fs
fs=8kHz,
Clock rate = 1536fs
SYSCLK=AIF1CLK
1.1ms
Notes:
1. These figures are relevant to typical voice call modes, assuming AIF2 is connected to the baseband processor
2. The SRC (Sample Rate Converter) is enabled automatically whenever required



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com