Electronic Components Datasheet Search
  English  ▼

X  

WM8909 Datasheet(PDF) 86 Page - Cirrus Logic

Part # WM8909
Description  Multi-channel Audio Hub CODEC for Smartphones
PDF  363 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8909 Datasheet(HTML) 86 Page - Cirrus Logic

Back Button WM8909 Datasheet HTML 82Page - Cirrus Logic WM8909 Datasheet HTML 83Page - Cirrus Logic WM8909 Datasheet HTML 84Page - Cirrus Logic WM8909 Datasheet HTML 85Page - Cirrus Logic WM8909 Datasheet HTML 86Page - Cirrus Logic WM8909 Datasheet HTML 87Page - Cirrus Logic WM8909 Datasheet HTML 88Page - Cirrus Logic WM8909 Datasheet HTML 89Page - Cirrus Logic WM8909 Datasheet HTML 90Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 363 page
background image
WM8994
86
Rev 4.6
RETUNE MOBILE PARAMETRIC EQUALIZER (EQ)
The ReTune Mobile Parametric EQ is a circuit which can be enabled in the digital playback path of the
WM8994 audio interfaces. The function of the EQ is to adjust the frequency characteristic of the
output in order to compensate for unwanted frequency characteristics in the loudspeaker (or other
output transducer). It can also be used to tailor the response according to user preferences, for
example to accentuate or attenuate specific frequency bands to emulate different sound profiles or
environments e.g. concert hall, rock etc.
The WM8994 provides three stereo EQ circuits; these are associated with AIF1 timeslot 0, AIF1
timeslot 1 and AIF2 respectively. The EQ is enabled in these three signal paths using the register bits
described in Table 27.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R1152 (0480h)
AIF1 DAC1
EQ Gains (1)
0
AIF1DAC1_EQ_E
NA
0
Enable EQ in AIF1DAC1 playback
path (AIF1, Timeslot 0)
0 = Disabled
1 = Enabled
R1184
(04A0h)
AIF1 DAC2
EQ Gains (1)
0
AIF1DAC2_EQ_E
NA
0
Enable EQ in AIF1DAC2 playback
path (AIF1, Timeslot 1)
0 = Disabled
1 = Enabled
R1408 (0580h)
AIF2 EQ Gains
(1)
0
AIF2DAC_EQ_EN
A
0
Enable EQ in AIF2DAC playback
path
0 = Disabled
1 = Enabled
Table 27 ReTune Mobile Parametric EQ Enable
The following description of the EQ is applicable to all three EQ circuits. The associated register
control fields are described in Table 29, Table 30 and Table 31 for the respective EQs.
The EQ can be configured to operate in two modes -
“Default” mode or “ReTune Mobile” mode.
DEFAULT MODE (5-BAND PARAMETRIC EQ)
In default mode, the cut-off / centre frequencies are fixed as per Table 28. The filter bandwidths are
also fixed in default mode. The gain of the individual bands (-12dB to +12dB) can be controlled as
described in Table 29.
The cut-off / centre frequencies noted in Table 28 are applicable to a sample rate of 48kHz. When
using other sample rates, these frequencies will be scaled in proportion to the selected sample rate for
the associated Audio Interface (AIF1 or AIF2).
If AIF1 and AIF2 are operating at different sample rates, then the cut-off / centre frequencies will be
different for the two interfaces. Note that the frequencies can be set to other values by using the
features described in “ReTune Mobile Mode”.
EQ BAND
CUT-OFF/CENTRE FREQUENCY
1
100 Hz
2
300 Hz
3
875 Hz
4
2400 Hz
5
6900 Hz
Table 28 EQ Band Cut-off / Centre Frequencies



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com