Electronic Components Datasheet Search
  English  ▼

X  

WM8909 Datasheet(PDF) 74 Page - Cirrus Logic

Part # WM8909
Description  Multi-channel Audio Hub CODEC for Smartphones
PDF  363 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8909 Datasheet(HTML) 74 Page - Cirrus Logic

Back Button WM8909 Datasheet HTML 70Page - Cirrus Logic WM8909 Datasheet HTML 71Page - Cirrus Logic WM8909 Datasheet HTML 72Page - Cirrus Logic WM8909 Datasheet HTML 73Page - Cirrus Logic WM8909 Datasheet HTML 74Page - Cirrus Logic WM8909 Datasheet HTML 75Page - Cirrus Logic WM8909 Datasheet HTML 76Page - Cirrus Logic WM8909 Datasheet HTML 77Page - Cirrus Logic WM8909 Datasheet HTML 78Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 363 page
background image
WM8994
74
Rev 4.6
[DRC]_KNEE_IP
(Y0)
0dB
[DRC
]_HI
_CO
MP
[D
RC
]_L
O_
CO
MP
DRC Input Amplitude (dB)
DRC Output Amplitude (dB)
[DRC]_KNEE_OP
Knee1
Knee2
[DRC]_KNEE2_IP
[DRC]_KNEE2_OP
Figure 24 DRC Response Characteristic
The slope of the DRC response is determined by register fields [DRC]_HI_COMP and
[DRC]_LO_COMP. A slope of 1 indicates constant gain in this region. A slope less than 1 represents
compression (i.e. a change in input amplitude produces only a smaller change in output amplitude). A
slope of 0 indicates that the target output amplitude is the same across a range of input amplitudes;
this is infinite compression.
When the noise gate is enabled, the DRC response in this region is determined by the
[DRC]_NG_EXP register. A slope of 1 indicates constant gain in this region. A slope greater than 1
represents expansion (ie. a change in input amplitude produces a larger change in output amplitude).
When the DRC_KNEE2_OP knee is enabled (“Knee2” in Figure 24), this introduces the vertical line in
the response pattern illustrated, resulting in infinitely steep attenuation at this point in the response.
The DRC parameters are listed in Table 23.
REF
PARAMETER
DESCRIPTION
1
[DRC]_KNEE_IP
Input level at Knee1 (dB)
2
[DRC]_KNEE_OP
Output level at Knee2 (dB)
3
[DRC]_HI_COMP
Compression ratio above Knee1
4
[DRC]_LO_COMP
Compression ratio below Knee1
5
[DRC]_KNEE2_IP
Input level at Knee2 (dB)
6
[DRC]_NG_EXP
Expansion ratio below Knee2
7
[DRC]_KNEE2_OP
Output level at Knee2 (dB)
Table 23 DRC Response Parameters
The noise gate is enabled when the [DRC]_NG_ENA register is set. When the noise gate is not
enabled, parameters 5, 6, 7 above are ignored, and the [DRC]_LO_COMP slope applies to all input
signal levels below Knee1.
The DRC_KNEE2_OP knee is enabled when the [DRC]_KNEE2_OP_ENA register is set. When this
bit is not set, then parameter 7 above is ignored, and the Knee2 position always coincides with the low
end of the [DRC]_LO_COMP region.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com