Electronic Components Datasheet Search
  English  ▼

X  

WM8909 Datasheet(PDF) 102 Page - Cirrus Logic

Part # WM8909
Description  Multi-channel Audio Hub CODEC for Smartphones
PDF  363 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8909 Datasheet(HTML) 102 Page - Cirrus Logic

Back Button WM8909 Datasheet HTML 98Page - Cirrus Logic WM8909 Datasheet HTML 99Page - Cirrus Logic WM8909 Datasheet HTML 100Page - Cirrus Logic WM8909 Datasheet HTML 101Page - Cirrus Logic WM8909 Datasheet HTML 102Page - Cirrus Logic WM8909 Datasheet HTML 103Page - Cirrus Logic WM8909 Datasheet HTML 104Page - Cirrus Logic WM8909 Datasheet HTML 105Page - Cirrus Logic WM8909 Datasheet HTML 106Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 102 / 363 page
background image
WM8994
102
Rev 4.6
AIF2 - OUTPUT PATH HIGH PASS FILTER
A digital high-pass filter can be enabled in the AIF2 output paths to remove DC offsets. This filter is
enabled independently in the two AIF2 output channels using the register bits described in Table 43.
The HPF cut-off frequency for the AIF2 channels is set using AIF2ADC_HPF_CUT.
In hi-fi mode, the high pass filter is optimised for removing DC offsets without degrading the bass
response and has a cut-off frequency of 3.7Hz when the sample rate (fs) = 44.1kHz.
In voice modes, the high pass filter is optimised for voice communication; it is recommended to set the
cut-off frequency below 300Hz.
Note that the cut-off frequencies scale with the AIF2 sample rate. (The AIF2 sample rate is set using
the AIF2_SR register, as described in the “Clocking and Sample Rates” section.) See Table 37 for the
HPF cut-off frequencies at all supported sample rates.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R1296 (0510h)
AIF2 ADC
Filters
14:13
AIF2ADC_H
PF_CUT
[1:0]
00
AIF2ADC output path Digital HPF Cut-Off
Frequency (fc)
00 = Hi-fi mode (fc = 4Hz at fs = 48kHz)
01 = Voice mode 1 (fc = 127Hz at fs = 8kHz)
10 = Voice mode 2 (fc = 130Hz at fs = 8kHz)
11 = Voice mode 3 (fc = 267Hz at fs = 8kHz)
12
AIF2ADCL_
HPF
0
AIF2ADC (Left) output path Digital HPF
Enable
0 = Disabled
1 = Enabled
11
AIF2ADCR_
HPF
0
AIF2ADC (Right) output path Digital HPF
Enable
0 = Disabled
1 = Enabled
Table 43 AIF2 Output Path High Pass Filter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com