Electronic Components Datasheet Search
  English  ▼

X  

WM8909 Datasheet(PDF) 103 Page - Cirrus Logic

Part # WM8909
Description  Multi-channel Audio Hub CODEC for Smartphones
PDF  363 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8909 Datasheet(HTML) 103 Page - Cirrus Logic

Back Button WM8909 Datasheet HTML 99Page - Cirrus Logic WM8909 Datasheet HTML 100Page - Cirrus Logic WM8909 Datasheet HTML 101Page - Cirrus Logic WM8909 Datasheet HTML 102Page - Cirrus Logic WM8909 Datasheet HTML 103Page - Cirrus Logic WM8909 Datasheet HTML 104Page - Cirrus Logic WM8909 Datasheet HTML 105Page - Cirrus Logic WM8909 Datasheet HTML 106Page - Cirrus Logic WM8909 Datasheet HTML 107Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 103 / 363 page
background image
WM8994
Rev 4.6
103
AIF2 - INPUT PATH VOLUME CONTROL
The AIF2 interface supports two input channels. A digital volume control is provided on each input
signal path, allowing attenuation in the range -71.625dB to 0dB in 0.375dB steps. The level of
attenuation for an eight-bit code X is given by:
0.375
 (X-192) dB for 1  X  192;
MUTE for X = 0
0dB for 192
 X  255
The AIF2DAC_VU bit controls the loading of digital volume control data. When AIF2DAC_VU bit is set
to 0, the AIF2DACL_VOL and AIF2DACR_VOL control data will be loaded into the respective control
register, but will not actually change the digital gain setting. Both left and right gain settings are
updated when a 1 is written to AIF2DAC_VU. This makes it possible to update the gain of left and
right channels simultaneously.
Note that a digital gain function is also available at the audio interface input, to boost the DAC volume
when a small signal
is received on DACDAT2. See “Digital Audio Interface Control” for further details.
Digital volume control is also possible at the DAC stage of the signal path, after the audio signal has
passed through the DAC digital mixers. See
“Digital to Analogue Converter (DAC)” for further details.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R1282
(0502h)
AIF2 DAC
Left Volume
8
AIF2DAC_V
U
N/A
AIF2DAC input path Volume Update
Writing a 1 to this bit will cause the AIF2DACL
and AIF2DACR volume to be updated
simultaneously
7:0
AIF2DACL_
VOL [7:0]
C0h
(0dB)
AIF2DAC (Left) input path Digital Volume
00h = MUTE
01h = -71.625dB
… (0.375dB steps)
C0h = 0dB
FFh = 0dB
(See Table 39 for volume range)
R1283
(0503h)
AIF2 DAC
Right Volume
8
AIF2DAC_V
U
N/A
AIF2DAC input path Volume Update
Writing a 1 to this bit will cause the AIF2DACL
and AIF2DACR volume to be updated
simultaneously
7:0
AIF2DACR_
VOL [7:0]
C0h
(0dB)
AIF2DAC (Right) input path Digital Volume
00h = MUTE
01h = -71.625dB
… (0.375dB steps)
C0h = 0dB
FFh = 0dB
(See Table 39 for volume range)
Table 44 AIF2 Input Path Volume Control
AIF2 - INPUT PATH SOFT MUTE CONTROL
The WM8994 provides a soft mute function for each of the AIF2 interface input paths. When the soft-
mute function is selected, the WM8994 gradually attenuates the associated signal paths until the path
is entirely muted.
When the soft-mute function is de-selected, the gain will either return instantly to the digital gain
setting,
or
will
gradually
ramp
back
to
the
digital
gain
setting,
depending
on
the
AIF2DAC_UNMUTE_RAMP register field.
The mute and un-mute ramp rate is selectable between two different rates.
The AIF2 input paths are soft-muted by default. To play back an audio signal, the soft-mute must first
be de-selected by setting AIF2DAC_MUTE = 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com