Electronic Components Datasheet Search
  English  ▼

X  

PC7410 Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers

Part # PC7410
Description  PowerPC 7410 RISC Microprocessor
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

PC7410 Datasheet(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button PC7410 Datasheet HTML 6Page - List of Unclassifed Manufacturers PC7410 Datasheet HTML 7Page - List of Unclassifed Manufacturers PC7410 Datasheet HTML 8Page - List of Unclassifed Manufacturers PC7410 Datasheet HTML 9Page - List of Unclassifed Manufacturers PC7410 Datasheet HTML 10Page - List of Unclassifed Manufacturers PC7410 Datasheet HTML 11Page - List of Unclassifed Manufacturers PC7410 Datasheet HTML 12Page - List of Unclassifed Manufacturers PC7410 Datasheet HTML 13Page - List of Unclassifed Manufacturers PC7410 Datasheet HTML 14Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 57 page
background image
10
0832F–HIREL–02/07
PC7410
e2v semiconductors SAS 2007
Figure 6-1.
Overshoot/Undershoot Voltage
The PC7410 provides several I/O voltages to support both compatibility with existing systems and migra-
tion to future systems. The PC7410 “core” voltage must always be provided at nominal voltage (see
Table 6-3 on page 11 for actual recommended core voltage). Voltage to the L2 I/Os and processor inter-
face I/Os are provided through separate sets of supply pins and may be provided at the voltages shown
in Table 6-2. The input voltage threshold for each bus is selected by sampling the state of the voltage
select pins at the negation of the signal HRESET. The output voltage will swing from GND to the maxi-
mum voltage applied to the OV
DD or L2OVDD power pins.
Notes:
1. Caution: The input threshold selection must agree with the OVDD/L2OVDD voltages supplied.
2. To select the 2.5V threshold option, L2VSEL/BVSEL should be tied to HRESET so that the two signals
change state together. This is the preferred method for selecting this mode operation.
3. To overcome the internal pull-up resistance, a pull-down resistance less than 250
Ω should be used.
4. Default voltage setting if left unconnected (internal pulled-up). Parts Rev 1.4 and later only. Previous
revisions do not support 3.3V OV
DD, the default voltage setting if left unconnected is 2.5V.
5. Parts Rev 1.4 and later only. Previous revisions do not support 3.3V OVDD, having BVSEL = 1 selects
the 2.5V threshold.
6. Parts Rev 1.4 and later only. Previous revisions do not support BVSEL = HRESET.
7. NSpec does not support the default OVDD setting of 3.3V. The BVSEL input must be tie either low or
HRESET.
Table 6-2.
Input Threshold Voltage Setting
BVSEL Signal
Processor Bus Input
Threshold is Relative to:
L2VSEL Signal(3)
L2 Bus Input Threshold is
Relative to:
0(1)
1.8V
0
1.8
HRESET(1)(2)
2.5V
HRESET
2.5
1(1)(4)(5)
3.3V(7)
12.5
HRESET(6)
3.3V(7)
HRESET
Not supported
Not to exceed
10% of tSYSCLK
(L2)OVDD + 20%
(L2)OVDD + 5%
(L2)OVDD
VIH
VIL
GND
GND - 0.3V
GND - 0.7V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com