Electronic Components Datasheet Search
  English  ▼

X  

PC7410 Datasheet(PDF) 25 Page - List of Unclassifed Manufacturers

Part # PC7410
Description  PowerPC 7410 RISC Microprocessor
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

PC7410 Datasheet(HTML) 25 Page - List of Unclassifed Manufacturers

Back Button PC7410 Datasheet HTML 21Page - List of Unclassifed Manufacturers PC7410 Datasheet HTML 22Page - List of Unclassifed Manufacturers PC7410 Datasheet HTML 23Page - List of Unclassifed Manufacturers PC7410 Datasheet HTML 24Page - List of Unclassifed Manufacturers PC7410 Datasheet HTML 25Page - List of Unclassifed Manufacturers PC7410 Datasheet HTML 26Page - List of Unclassifed Manufacturers PC7410 Datasheet HTML 27Page - List of Unclassifed Manufacturers PC7410 Datasheet HTML 28Page - List of Unclassifed Manufacturers PC7410 Datasheet HTML 29Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 57 page
background image
25
0832F–HIREL–02/07
e2v semiconductors SAS 2007
PC7410
Note:
1. L2CLK outputs are L2CLK_OUTA, L2CLK_OUTB, and L2SYNC_OUT pins. The L2CLK frequency to core frequency set-
tings must be chosen such that the resulting L2CLK frequency and core frequency do not exceed their respective maximum
or minimum operating frequencies. The maximum L2LCK frequency will be system-dependent. L2CLK_OUTA and
L2CLK_OUTB must have equal loading.
2. The nominal duty cycle of the L2CLK is 50% measured at midpoint voltage.
3. The DLL re-lock time is specified in terms of L2CLKs. The number in the table must be multiplied by the period of L2CLK to
compute the actual time duration in nanoseconds. Re-lock timing is guaranteed by design and characterization.
4. The L2CR[L2SL] bit should be set for L2CLK frequencies less than 110 MHz. This adds more delay to each tap of the DLL.
5. Allowable skew between L2SYNC_OUT and L2SYNC_IN.
6. Guaranteed by design and not tested. This output jitter number represents the maximum delay of one tap forward or one tap
back from the current DLL tap as the phase comparator seeks to minimize the phase difference between L2SYNC_IN and
the internal L2CLK. This number must be comprehended in the L2 timing analysis. The input jitter on SYSCLK affects
L2CLKOUT and the L2 address/data/control signals equally and therefore is already comprehended in the AC timing and
does not have to be considered in the L2 timing analysis.
Table 9-4.
L2CLK Output AC Timing Specifications at Recommended Operating Conditions (See Table 6-3 on page
11)
Symbol
Parameter
400 MHz
450 MHz
500 MHz
Unit
Min
Max
Min
Max
Min
Max
fL2CLK
(1)(4)
L2CLK frequency
133
400
133
400
133
400
MHz
t
L2CLK
L2CLK cycle time
2.5
7.5
2.5
7.5
2.5
7.5
ns
tCHCL/tL2CLK
(2)
L2CLK duty cycle
50
50
50
%
Internal DLL-relock time(3)
640
640
640
-
L2CLK
DLL capture window(5)
010010010
ns
t
L2CSKW
L2CLKOUT output-to-output
skew(6)
-50-50
-50
ps
L2CLKOUT output jitter(6)
-
±150
-
±150
-
±150
ps



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com