Electronic Components Datasheet Search
  English  ▼

X  

PC7410 Datasheet(PDF) 15 Page - List of Unclassifed Manufacturers

Part # PC7410
Description  PowerPC 7410 RISC Microprocessor
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

PC7410 Datasheet(HTML) 15 Page - List of Unclassifed Manufacturers

Back Button PC7410 Datasheet HTML 11Page - List of Unclassifed Manufacturers PC7410 Datasheet HTML 12Page - List of Unclassifed Manufacturers PC7410 Datasheet HTML 13Page - List of Unclassifed Manufacturers PC7410 Datasheet HTML 14Page - List of Unclassifed Manufacturers PC7410 Datasheet HTML 15Page - List of Unclassifed Manufacturers PC7410 Datasheet HTML 16Page - List of Unclassifed Manufacturers PC7410 Datasheet HTML 17Page - List of Unclassifed Manufacturers PC7410 Datasheet HTML 18Page - List of Unclassifed Manufacturers PC7410 Datasheet HTML 19Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 57 page
background image
15
0832F–HIREL–02/07
e2v semiconductors SAS 2007
PC7410
Figure 7-3.
Thermal Performance of Different Thermal Interface Materials
7.3.1.1
Heat Sink Selection Example
For preliminary heat sink sizing, the die-junction temperature can be expressed as follows:
where:
T
J = die-junction temperature
T
a = inlet cabinet ambient temperature
T
r = air temperature rise within the computer cabinet
θ
jc = junction-to-case thermal resistance
θ
int = adhesive or interface material thermal resistance
θ
sa = heat sink base-to-ambient thermal resistance
P
d = power dissipated by the device
During operation, the die-junction temperatures (T
J) should be maintained less than the value specified
in Table 6-3 on page 11. The temperature of the air cooling the component greatly depends upon the
ambient inlet air temperature and the air temperature rise within the electronic cabinet. An electronic
cabinet inlet-air temperature (T
a) may range from 30° C to 40° C. The air temperature rise within a cabi-
net (T
r) may be in the range of 5° C to 10° C. The thermal resistance of the thermal interface material
(
θ
int) is typically about 1° C/W. Assuming a Ta of 30° C, a Tr of 5° C, a CBGA package θjc = 0.03, and a
power consumption (P
d) of 5.0 watts, the following expression for TJ is obtained:
0
0.5
1
1.5
2
010
20
30
40
50
60
70
80
Silicone Sheet (0.006")
Bare Joint
Floroether Oil Sheet (0.007")
Graphite/Oil Sheet (0.005")
Synthetic Grease
Contact Pressure (psi)
T
j
T
a
T
r
θ
jc
θ
int
θ
sa
++
() P
d
×
++
=
T
j
30
° C 5° C
0,03
° CW
⁄
1,0
° CW
⁄θ
sa
++
() 5W
×
++
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com