Electronic Components Datasheet Search
  English  ▼

X  

PC7410 Datasheet(PDF) 34 Page - List of Unclassifed Manufacturers

Part # PC7410
Description  PowerPC 7410 RISC Microprocessor
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

PC7410 Datasheet(HTML) 34 Page - List of Unclassifed Manufacturers

Back Button PC7410 Datasheet HTML 30Page - List of Unclassifed Manufacturers PC7410 Datasheet HTML 31Page - List of Unclassifed Manufacturers PC7410 Datasheet HTML 32Page - List of Unclassifed Manufacturers PC7410 Datasheet HTML 33Page - List of Unclassifed Manufacturers PC7410 Datasheet HTML 34Page - List of Unclassifed Manufacturers PC7410 Datasheet HTML 35Page - List of Unclassifed Manufacturers PC7410 Datasheet HTML 36Page - List of Unclassifed Manufacturers PC7410 Datasheet HTML 37Page - List of Unclassifed Manufacturers PC7410 Datasheet HTML 38Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 57 page
background image
34
0832F–HIREL–02/07
PC7410
e2v semiconductors SAS 2007
DH[0:31]
W12, W11, V11, T9, W10, U9, U10, M11, M9, P8, W7, P9,
W9, R10, W6, V7, V6, U8, V9, T7, U7, R7, U6, W5, U5, W4,
P7, V5, V4, W3, U4, R5
High
I/O
BVSEL
DL[0:31]
M6, P3, N4, N5, R3, M7, T2, N6, U2, N7, P11, V13, U12,
P12, T13, W13, U13, V10, W8, T11, U11, V12, V8, T1, P1,
V1, U1, N1, R2, V3, U3, W2
High
I/O
BVSEL
DP[0:7]
L1, P2, M2, V2, M1, N2, T3, R1
High
I/O
BVSEL
DRDY(6)(8)(13)
K9
Low
Output
BVSEL
DBWO
DTI[0]
D1
Low
Input
BVSEL
DTI[1:2](10)(13)
H6, G1
High
Input
BVSEL
EMODE(7)(10)
A3
Low
Input
BVSEL
GBL
B1
Low
I/O
BVSEL
GND
D10, D14, D16, D4, D6, E12, E8, F4, F6, F10, F14, F16, G9,
G11, H5, H8, H10, H12, H15, J9, J11, K4, K6, K8, K10, K12,
K14, K16, L9, L11, M5, M8, M10, M12, M15, N9, N11, P4,
P6, P10, P14, P16, R8, R12, T4, T6, T10, T14, T16
N/A
HIT(6)(8)
B5
Low
Output
BVSEL
HRESET
B6
Low
Input
BVSEL
INT
C11
Low
Input
BVSEL
L1_TSTCLK(2)
F8
High
Input
BVSEL
L2ADDR[0:16]
L17, L18, L19, M19, K18, K17, K15, J19, J18, J17, J16, H18,
H17, J14, J13, H19, G18
High
Output
L2VSEL
L2ADDR[17:18](8)
K19, W19
High
Output
L2VSEL
L2AVDD
L13
VDD
L2CE
P17
Low
Output
L2VSEL
L2CLKOUTA
N15
High
Output
L2VSEL
L2CLKOUTB
L16
High
Output
L2VSEL
L2DATA[0:63]
U14, R13, W14, W15, V15, U15, W16, V16, W17, V17, U17,
W18, V18, U18, V19, U19, T18, T17, R19, R18, R17, R15,
P19, P18, P13, N14, N13, N19, N17, M17, M13, M18, H13,
G19, G16, G15, G14, G13, F19, F18, F13, E19, E18, E17,
E15, D19, D18, D17, C18, C17, B19, B18, B17, A18, A17,
A16, B16, C16, A14, A15, C15, B14, C14, E13
High
I/O
L2VSEL
L2DP[0:7]
V14, U16, T19, N18, H14, F17, C19, B15
High
I/O
L2VSEL
L2OV
DD
(11)
D15, E14, E16, H16, J15, L15, M16, K13, P15, R14, R16,
T15, F15
N/A
L2SYNC_IN
L14
High
Input
L2VSEL
L2SYNC_OUT
M14
High
Output
L2VSEL
L2_TSTCLK(2)
F7
High
Input
BVSEL
L2VSEL(1)(3)(8)(9)(14)
A19
High
Input
N/A
Table 12-1.
Pinout Listing for the PC7410, 360-ball CBGA and CI-CGA packages (Continued)
Signal Name
Pin Number
Active
I/O
I/F Select(1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com