Electronic Components Datasheet Search
  English  ▼

X  

PC7410 Datasheet(PDF) 29 Page - List of Unclassifed Manufacturers

Part # PC7410
Description  PowerPC 7410 RISC Microprocessor
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

PC7410 Datasheet(HTML) 29 Page - List of Unclassifed Manufacturers

Back Button PC7410 Datasheet HTML 25Page - List of Unclassifed Manufacturers PC7410 Datasheet HTML 26Page - List of Unclassifed Manufacturers PC7410 Datasheet HTML 27Page - List of Unclassifed Manufacturers PC7410 Datasheet HTML 28Page - List of Unclassifed Manufacturers PC7410 Datasheet HTML 29Page - List of Unclassifed Manufacturers PC7410 Datasheet HTML 30Page - List of Unclassifed Manufacturers PC7410 Datasheet HTML 31Page - List of Unclassifed Manufacturers PC7410 Datasheet HTML 32Page - List of Unclassifed Manufacturers PC7410 Datasheet HTML 33Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 57 page
background image
29
0832F–HIREL–02/07
e2v semiconductors SAS 2007
PC7410
Notes:
1. All outputs are measured from the midpoint voltage of the falling/rising edge of TCLK to the midpoint of
the signal in question. The output timings are measured at the pins. All output timings assume a purely
resistive 50
Ω load (see Figure 9-9). Time-of-flight delays must be added for trace lengths, vias and con-
nectors in the system.
2. TRST is an asynchronous level sensitive signal. The setup time is for test purposes only.
3. Non-JTAG signal input timing with respect to TCK.
4. Non-JTAG signal output timing with respect to TCK.
5. Guaranteed by design and characterization.
Figure 9-9.
Alternate AC Test Load for the JTAG Interface
Figure 9-10. JTAG Clock Input Timing Diagram
Note:
VM = Midpoint Voltage (OV
DD/2)
Figure 9-11. TRST Timing Diagram
Note:
VM = Midpoint Voltage (OV
DD/2)
Z0 = 50
Ω
RL = 50
Ω
OVDD/2
Output
TCLK
tJR
tJF
tJHJL
tTCLK
VM
VM
VM
TRST
tTRST
VM
VM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com