Electronic Components Datasheet Search
  English  ▼

X  

PC7410 Datasheet(PDF) 42 Page - List of Unclassifed Manufacturers

Part # PC7410
Description  PowerPC 7410 RISC Microprocessor
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

PC7410 Datasheet(HTML) 42 Page - List of Unclassifed Manufacturers

Back Button PC7410 Datasheet HTML 38Page - List of Unclassifed Manufacturers PC7410 Datasheet HTML 39Page - List of Unclassifed Manufacturers PC7410 Datasheet HTML 40Page - List of Unclassifed Manufacturers PC7410 Datasheet HTML 41Page - List of Unclassifed Manufacturers PC7410 Datasheet HTML 42Page - List of Unclassifed Manufacturers PC7410 Datasheet HTML 43Page - List of Unclassifed Manufacturers PC7410 Datasheet HTML 44Page - List of Unclassifed Manufacturers PC7410 Datasheet HTML 45Page - List of Unclassifed Manufacturers PC7410 Datasheet HTML 46Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 57 page
background image
42
0832F–HIREL–02/07
PC7410
e2v semiconductors SAS 2007
13. Clock Selection
The PC7410’s PLL is configured by the PLL_CFG[0:3] signals. For a given SYSCLK (bus) frequency,
the PLL configuration signals set the internal CPU and VCO frequency of operation. The PLL configura-
tion for the PC7410 is shown in Table 13-1 for example frequencies. In this example, shaded cells
represent settings that, for a given SYSCLK frequency, result in core and/or VCO frequencies that do not
comply with the minimum and maximum core frequencies listed in Table 9-3 on page 21.
Notes:
1. PLL_CFG[0:3] settings not listed are reserved.
2. The sample bus-to-core frequencies shown are for reference only. Some PLL configurations may select bus, core, or VCO
frequencies which are not useful, not supported, or not tested for by the PC7410; see “Clock AC Specifications” on page 20
for valid SYSCLK, core, and VCO frequencies.
3. In PLL-bypass mode, the SYSCLK input signal clocks the internal processor directly, the PLL is disabled, and the bus mode
is set for 1:1 mode operation. This mode is intended for factory use and third- party emulator tool development only.
Note: The AC timing specifications given in this document do not apply in PLL-bypass mode.
4. In PLL-off mode, no clocking occurs inside the PC7410 regardless of the SYSCLK input.
5. PLL-off mode should not be used during chip power-up sequencing.
Table 13-1.
PC7410 Microprocessor PLL Configuration(1)(2)(3)(4)(5)
PLL_CFG
[0:3]
Example Bus-to-Core Frequency in MHz (VCO Frequency in MHz)
Bus-to-
Core
Multiplier
Core-to-
VCO
Multiplier
Bus
33.3 MHz
Bus
50 MHz
Bus
66.6 MHz
Bus
75 MHz
Bus
83.3 MHz
Bus
100 MHz
Bus
133 MHz
0100
2x
2x
0110
2.5x
2x
1000
3x
2x
400 (800)
1110
3.5x
2x
350 (700)
465 (930)
1010
4x
2x
400 (800)
0111
4.5x
2x
375 (750)
450 (900)
1011
5x
2x
375 (750)
416 (833)
500 (1000)
1001
5.5x
2x
366 (733)
412 (825)
458 (916)
1101
6x
2x
400 (800)
450 (900)
500 (1000)
0101
6.5x
2x
433 (866)
488 (967)
0010
7x
2x
350 (700)
466 (933)
0001
7.5x
2x
375 (750)
500
(1000)
1100
8x
2x
400 (800)
0000
9x
2x
450 (900)
0011
PLL off/bypass
PLL off, SYSCLK clocks core circuitry directly, 1x bus-to-core implied
1111
PLL off
PLL off, no core clocking occurs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com